Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

857164 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 857164
Description  1000 MHz SAW Non Dispersive Delay Line
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

857164 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  857164_15 Datasheet HTML 1Page - TriQuint Semiconductor 857164_15 Datasheet HTML 2Page - TriQuint Semiconductor 857164_15 Datasheet HTML 3Page - TriQuint Semiconductor 857164_15 Datasheet HTML 4Page - TriQuint Semiconductor 857164_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
857164
1000 MHz SAW Non Dispersive Delay Line
Preliminary Data Sheet: Rev - 6/28/12
- 2 of 5 -
Disclaimer: Subject to change without notice
© 2012TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
Specifications
Electrical Specifications
(1)
Specified Temperature Range:
(2)
-55 to +85 ºC
Parameter
(3)
Conditions
Min
Typical
(4)
Max
Units
Center Frequency
-
1000
-
MHz
Insertion Loss
875 – 1125 MHz
-
21.25
24
dB
3 dB Bandwidth
340
353.5
-
MHz
Amplitude Variation
(5)
875 – 1125 MHz
-
1.12
2
dB
Absolute Delay
-
1.5
-
µs
Absolute Attenuation
(6)
10 – 500 MHz
1550 – 2000 MHz
75
65
83
75
-
-
dB
dB
Input VSWR
875 – 1125 MHz
-
3:1
3.5:1
Output VSWR
875 – 1125 MHz
-
3:1
3.5:1
Source Impedance (single-ended)
(7)
-
50
-
Load Impedance (single-ended)
(7)
-
50
-
Notes:
1. All specifications are based on the TriQuint schematic for the main reference design shown on page 3.
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature.
3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances.
4. Typical values are based on average measurements at room temperature.
5. Is defined as the difference between the maximum and minimum loss within the specified frequency range.
6. Relative to 0 dB.
7. This is the optimum impedance in order to achieve the performance shown.
Absolute Maximum Ratings
Parameter
Rating
Operating Temperature
-55 to +85
oC
Storage Temperature
-55 to +105
oC
Operation of this device outside the parameter ranges given above may cause permanent damage.


Similar Part No. - 857164_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
857162 TRIQUINT-857162 Datasheet
391Kb / 5P
   1000 MHz SAW Non Dispersive Delay Line
857162 TRIQUINT-857162_15 Datasheet
391Kb / 5P
   1000 MHz SAW Non Dispersive Delay Line
857163 TRIQUINT-857163 Datasheet
396Kb / 5P
   1000 MHz SAW Non Dispersive Delay Line
857163 TRIQUINT-857163_15 Datasheet
396Kb / 5P
   1000 MHz SAW Non Dispersive Delay Line
857165 TRIQUINT-857165 Datasheet
395Kb / 5P
   1000 MHz SAW Non Dispersive Delay Line
More results

Similar Description - 857164_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
857163 TRIQUINT-857163_15 Datasheet
396Kb / 5P
   1000 MHz SAW Non Dispersive Delay Line
857168 TRIQUINT-857168_15 Datasheet
398Kb / 5P
   1000 MHz SAW Non Dispersive Delay Line
857167 TRIQUINT-857167_15 Datasheet
397Kb / 5P
   1000 MHz SAW Non Dispersive Delay Line
857169 TRIQUINT-857169_15 Datasheet
398Kb / 5P
   1000 MHz SAW Non Dispersive Delay Line
857162 TRIQUINT-857162_15 Datasheet
391Kb / 5P
   1000 MHz SAW Non Dispersive Delay Line
857165 TRIQUINT-857165_15 Datasheet
395Kb / 5P
   1000 MHz SAW Non Dispersive Delay Line
857166 TRIQUINT-857166_15 Datasheet
396Kb / 5P
   1000 MHz SAW Non Dispersive Delay Line
logo
Microsemi Corporation
100865C MICROSEMI-100865C Datasheet
755Kb / 2P
   RD100-40-40U- 100 MHz Dispersive Delay Line 40 MHz Bandwidth
logo
TriQuint Semiconductor
856717 TRIQUINT-856717_15 Datasheet
413Kb / 5P
   1960 MHz SAW Delay Line
856649 TRIQUINT-856649_15 Datasheet
418Kb / 5P
   2140 MHz SAW Delay Line
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com