Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE3515S02-T1C Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # NE3515S02-T1C
Description  X to Ku-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NE3515S02-T1C Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button NE3515S02-T1C Datasheet HTML 2Page - Renesas Technology Corp NE3515S02-T1C Datasheet HTML 3Page - Renesas Technology Corp NE3515S02-T1C Datasheet HTML 4Page - Renesas Technology Corp NE3515S02-T1C Datasheet HTML 5Page - Renesas Technology Corp NE3515S02-T1C Datasheet HTML 6Page - Renesas Technology Corp NE3515S02-T1C Datasheet HTML 7Page - Renesas Technology Corp NE3515S02-T1C Datasheet HTML 8Page - Renesas Technology Corp NE3515S02-T1C Datasheet HTML 9Page - Renesas Technology Corp NE3515S02-T1C Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Data Sheet PG10708EJ01V0DS
4
NE3515S02
OUTPUT POWER, LINEAR GAIN, DRAIN CURRENT
GATE CURRENT vs. INPUT POWER
ID = 10 mA
VDS = 2 V
0
5
10
15
20
25
30
35
Input Power Pin (1 tone) (dBm)
15
5
10
0
–10
–5
20
18
16
14
12
10
8
6
4
2
0
100
90
80
70
60
50
40
30
20
10
0
f = 12 GHz, VDS = 3 V
ID = 25 mA set (Non-RF)
PO (1 dB) optimized
Pout
GL
ID
IG
|S12e|
2
|S21e|
2
Frequency f (GHz)
|S21e|2, MAG, MSG, |S12e|2 vs.
FREQUENCY
25
5
10
15
20
0
0
510
15
20
30
25
MAG, MSG
ID = 25 mA
VDS = 3 V
0
5
10
15
20
25
30
35
|S12e|
2
Frequency f (GHz)
|S21e|2, MAG, MSG, |S12e|2 vs.
FREQUENCY
25
5
10
15
20
0
0
510
15
20
30
25
MAG, MSG
|S21e|
2
Remark The graphs indicate nominal characteristics.


Similar Part No. - NE3515S02-T1C

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE3515S02-T1C CEL-NE3515S02-T1C Datasheet
415Kb / 9P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
NE3515S02-T1C-A CEL-NE3515S02-T1C-A Datasheet
415Kb / 9P
   X to Ku-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3515S02-T1C-A CEL-NE3515S02-T1C-A Datasheet
415Kb / 9P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
More results

Similar Description - NE3515S02-T1C

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE3511S02 CEL-NE3511S02 Datasheet
288Kb / 10P
   X TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE4210S01 NEC-NE4210S01 Datasheet
65Kb / 16P
   X to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3511S02 RENESAS-NE3511S02 Datasheet
210Kb / 11P
   X TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE3515S02-T1C-A CEL-NE3515S02-T1C-A Datasheet
415Kb / 9P
   X to Ku-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE3210S01 NEC-NE3210S01 Datasheet
62Kb / 16P
   X to Ku BAND SUPER LOW NOISE AMPLIFER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE425S01 CEL-NE425S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE4210M01 NEC-NE4210M01 Datasheet
79Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE325S01 NEC-NE325S01_02 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE429M01 CEL-NE429M01 Datasheet
58Kb / 6P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE32484A NEC-NE32484A Datasheet
63Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com