Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE3514S02-T1D Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # NE3514S02-T1D
Description  K BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NE3514S02-T1D Datasheet(HTML) 3 Page - Renesas Technology Corp

  NE3514S02-T1D Datasheet HTML 1Page - Renesas Technology Corp NE3514S02-T1D Datasheet HTML 2Page - Renesas Technology Corp NE3514S02-T1D Datasheet HTML 3Page - Renesas Technology Corp NE3514S02-T1D Datasheet HTML 4Page - Renesas Technology Corp NE3514S02-T1D Datasheet HTML 5Page - Renesas Technology Corp NE3514S02-T1D Datasheet HTML 6Page - Renesas Technology Corp NE3514S02-T1D Datasheet HTML 7Page - Renesas Technology Corp NE3514S02-T1D Datasheet HTML 8Page - Renesas Technology Corp NE3514S02-T1D Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DATA SHEET
Caution Observe precautions when handling because these devices are sensitive to electrostatic discharge.
The information in this document is subject to change without notice. Before using this document, please confirm that
this is the latest version.
Not all devices/types available in every country. Please check with local NEC Compound Semiconductor Devices
representative for availability and additional information.
HETERO JUNCTION FIELD EFFECT TRANSISTOR
NE3514S02
K BAND SUPER LOW NOISE AMPLIFIER
N-CHANNEL HJ-FET
Document No. PG10593EJ01V0DS (1st edition)
Date Published February 2006 CP(N)
Printed in Japan
NEC Compound Semiconductor Devices, Ltd. 2005, 2006
FEATURES
• Super low noise figure and high associated gain
NF = 0.75 dB TYP., Ga = 10 dB TYP. @ f = 20 GHz
• Micro-X plastic (S02) package
APPLICATIONS
• 20 GHz-band DBS LNB
• Other K-band communication systems
ORDERING INFORMATION
Part Number
Order Number
Package
Quantity
Marking
Supplying Form
NE3514S02-T1C
NE3514S02-T1C-A
2 kpcs/reel
D
NE3514S02-T1D
NE3514S02-T1D-A
S02 (Pb-Free)
10 kpcs/reel
• 8 mm wide embossed taping
• Pin 4 (Gate) faces the perforation side
of the tape
Remark To order evaluation samples, contact your nearby sales office.
Part number for sample order: NE3514S02
ABSOLUTE MAXIMUM RATINGS (TA = +25
°C)
Parameter
Symbol
Ratings
Unit
Drain to Source Voltage
VDS
4
V
Gate to Source Voltage
VGS
−3
V
Drain Current
ID
IDSS
mA
Gate Current
IG
100
µA
Total Power Dissipation
Ptot
Note
165
mW
Channel Temperature
Tch
+125
°C
Storage Temperature
Tstg
−65 to +125
°C
Note Mounted on 1.08 cm
2
× 1.0 mm (t) glass epoxy PCB


Similar Part No. - NE3514S02-T1D

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE3514S02-T1D CEL-NE3514S02-T1D Datasheet
269Kb / 8P
   K BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3514S02-T1D CEL-NE3514S02-T1D Datasheet
285Kb / 8P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
NE3514S02-T1D-A CEL-NE3514S02-T1D-A Datasheet
269Kb / 8P
   K BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results

Similar Description - NE3514S02-T1D

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE3514S02 CEL-NE3514S02 Datasheet
269Kb / 8P
   K BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3517S03 CEL-NE3517S03 Datasheet
310Kb / 8P
   K-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL GaAs HJ-FET
logo
Renesas Technology Corp
NE3517S03 RENESAS-NE3517S03 Datasheet
208Kb / 11P
   K-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL GaAs HJ-FET
NE3517S03 RENESAS-NE3517S03 Datasheet
208Kb / 11P
   K-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL GaAs HJ-FET
logo
NEC
NE434S01 NEC-NE434S01 Datasheet
77Kb / 12P
   C BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE334S01 NEC-NE334S01 Datasheet
74Kb / 12P
   C BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE23383 CEL-NE23383 Datasheet
26Kb / 3P
   SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ FET
NE350184C CEL-NE350184C Datasheet
269Kb / 8P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR K-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE425S01 CEL-NE425S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE4210M01 NEC-NE4210M01 Datasheet
79Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com