Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

857139 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 857139
Description  1575.42 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

857139 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  857139 Datasheet HTML 1Page - TriQuint Semiconductor 857139 Datasheet HTML 2Page - TriQuint Semiconductor 857139 Datasheet HTML 3Page - TriQuint Semiconductor 857139 Datasheet HTML 4Page - TriQuint Semiconductor 857139 Datasheet HTML 5Page - TriQuint Semiconductor 857139 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
857139
1575.42 MHz SAW Filter
Preliminary Data Sheet: Rev - 7/19/12
- 2 of 6 -
Disclaimer: Subject to change without notice e
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Specifications
Electrical Specifications
(1)
Specified Temperature Range:
(2) -55 to +85 ºC
Parameter
(3)
Conditions
Min
Typical
(4)
Max
Units
Center Frequency
-
1575.42
-
MHz
Maximum Insertion Loss
1574.22 – 1576.62 MHz
-
0.6
0.9
dB
Lower 2.0dB Bandedge
Upper 2.0dB Bandedge
-
1585.65
1554.25
1600.91
1565.19
-
MHZ
MHZ
Lower 21dB Bandedge
Upper 21dB Bandedge
1525.42
-
1532.69
1617.78
-
1625.42
MHZ
MHZ
Amplitude Variation
1574.22 – 1576.62 MHz
-
0.02
0.2
dB p-p
Relative Attenuation
(5)
824 – 960 MHz
1500 – 1525.42 MHz
1625.42 – 1650 MHz
1710 – 2170 MHz
20
21
21
20
22.5
29.6
32.6
21.8
-
-
-
-
dB
dB
dB
dB
Input Return Loss
1574.22 – 1576.62 MHz
15
28.6
-
dB
Output Return Loss
1574.22 – 1576.62 MHz
15
29.2
-
dB
Source Impedance (Single-ended)
(6)
-
50
-
Load Impedance (Single-ended)
(6)
-
50
-
Notes:
1.
All specifications are based on the TriQuint schematic for the main reference design shown on page 3
2.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
4.
Typical values are based on average measurements at room temperature
5.
Relative to zero dB.
6.
This is the optimum impedance in order to achieve the performance shown
Absolute Maximum Ratings
Parameter
Rating
Operating Temperature
(7)
-55 to +85
oC
Storage Temperature
-55to +85
oC
Input Power
(8)
+20 dBm
7.
Device may operate over this range with degraded Electrical Specifications
8.
Device is measured for equivalent 10K hours @ +85 ºC [CW Signal]
Operation of this device outside the parameter ranges given above may cause permanent damage.


Similar Part No. - 857139

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
857124 TRIQUINT-857124 Datasheet
451Kb / 6P
   184.32 MHz SAW Filter
857124-EVB TRIQUINT-857124-EVB Datasheet
451Kb / 6P
   184.32 MHz SAW Filter
857124 TRIQUINT-857124_15 Datasheet
451Kb / 6P
   184.32 MHz SAW Filter
857140 TRIQUINT-857140 Datasheet
360Kb / 6P
   1575.42 MHz SAW Filter
857140-EVB TRIQUINT-857140-EVB Datasheet
360Kb / 6P
   1575.42 MHz SAW Filter
More results

Similar Description - 857139

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
857140 TRIQUINT-857140_15 Datasheet
360Kb / 6P
   1575.42 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1185A TAI-SAW-TA1185A Datasheet
365Kb / 6P
   SAW Filter 1575.42 MHz
logo
RF Monolithics, Inc
SF1186B-3 RFM-SF1186B-3 Datasheet
573Kb / 5P
   1575.42 MHz SAW Filter
SF1186K-2 RFM-SF1186K-2 Datasheet
472Kb / 5P
   1575.42 MHz SAW Filter
logo
TriQuint Semiconductor
856217 TRIQUINT-856217 Datasheet
490Kb / 5P
   1575.42 MHz SAW Filter
855969 TRIQUINT-855969_15 Datasheet
540Kb / 5P
   1575.42 MHz SAW Filter
856793 TRIQUINT-856793_15 Datasheet
318Kb / 5P
   1575.42 MHz SAW Filter
856039 TRIQUINT-856039_15 Datasheet
350Kb / 5P
   1575.42 MHz SAW Filter
856326 TRIQUINT-856326 Datasheet
443Kb / 5P
   1575.42 MHz SAW Filter
logo
EPCOS
B9415 EPCOS-B9415 Datasheet
90Kb / 8P
   SAW filter 1575.42 MHz
logo
TriQuint Semiconductor
856756 TRIQUINT-856756 Datasheet
383Kb / 5P
   1575.42 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com