Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

857074 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # 857074
Description  447.5 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

857074 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  857074_15 Datasheet HTML 1Page - TriQuint Semiconductor 857074_15 Datasheet HTML 2Page - TriQuint Semiconductor 857074_15 Datasheet HTML 3Page - TriQuint Semiconductor 857074_15 Datasheet HTML 4Page - TriQuint Semiconductor 857074_15 Datasheet HTML 5Page - TriQuint Semiconductor 857074_15 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
857074
447.5 MHz SAW Filter
Data Sheet: Rev - 05/10/12
- 1 of 6 -
Disclaimer: Subject to change without notice e
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Applications
General purpose wireless
Wireless infrastructure
3G, 4G, Multistandard
Distributed Antenna Systems (DAS)
Product Features
Functional Block Diagram
Top view
Usable bandwidth 25 MHz
High attenuation
Low EVM
Balanced operation
Ceramic Surface Mount Package (SMP-28C)
Small Size: 7.00 x 5.50 x 1.24 mm
Hermetic RoHS compliant, Pb-free
1
2
3
4
5
7
8
6
9
10
General Description
Pin Configuration
The 857074 is a high-performance IF SAW filter with a
center frequency of 447.8 MHz and 1.0 dB bandwidth of
27.7 MHz
It features excellent attenuation and pass band ripple,
leading to outstanding EVM performance. 857074 is
designed to be used in a balanced configuration, thereby
eliminating the need for baluns on the input and output.
The high performance coupled with the small size of this
surface mount filter makes it a natural choice for our
customers filtering needs in demanding high data rate
communications standards.
This device is RoHS compliant and Pb-free.
9
Pin # Bal/Bal
Description
10
Input +
9
Input -
5
Output +
4
Output -
1,2,3
Case Ground
6,7,8
Case Ground
Ordering Information
Part No.
Description
857074
packaged part
857074-EVB
evaluation board
Standard T/R size = 3000 units/reel.


Similar Part No. - 857074_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
857071 TRIQUINT-857071 Datasheet
604Kb / 6P
   192.5 MHz SAW Filter
857071-EVB TRIQUINT-857071-EVB Datasheet
604Kb / 6P
   192.5 MHz SAW Filter
857071 TRIQUINT-857071_15 Datasheet
604Kb / 6P
   192.5 MHz SAW Filter
857072 TRIQUINT-857072 Datasheet
606Kb / 6P
   242.5 MHz SAW Filter
857072-EVB TRIQUINT-857072-EVB Datasheet
606Kb / 6P
   242.5 MHz SAW Filter
More results

Similar Description - 857074_15

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1960A TAI-SAW-TA1960A Datasheet
577Kb / 7P
   SAW Filter 447.5 MHz 15MHz B.W SMD 3.8횞3.8 mm
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com