Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

857071 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 857071
Description  192.5 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

857071 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  857071 Datasheet HTML 1Page - TriQuint Semiconductor 857071 Datasheet HTML 2Page - TriQuint Semiconductor 857071 Datasheet HTML 3Page - TriQuint Semiconductor 857071 Datasheet HTML 4Page - TriQuint Semiconductor 857071 Datasheet HTML 5Page - TriQuint Semiconductor 857071 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
857071
192.5 MHz SAW Filter
Data Sheet: Rev A 05/10/12
- 2 of 6 -
Disclaimer: Subject to change without notice e
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Specifications
Electrical Specifications
(1, 2)
Specified Temperature Range:
(3) +10 to +75 ºC
Parameter
(4)
Conditions
Min
Typical
(5)
Max
Units
Center Frequency
fo
-
192.5
-
MHz
Insertion Loss
at 192.5 MHz
-
17
19
dB
1.5 dB Bandwidth
(8)
65
67.5
-
MHz
35 dB Bandwidth
(8)
-
74
76
MHz
Passband Ripple
(6)
over fo +/- 32.5 MHz
-
0.5
1.5
dB p-p
Absolute Delay
over fo +/- 32.5 MHz
-
0.61
0.67
µs
Group Delay Ripple
(6)
over fo +/- 32.5 MHz
-
60
100
ns p-p
Group Delay Ripple
(6)
Any 3.84 MHz channel over fo
+/- 32.5 MHz
-
55
70
ns p-p
EVM
(7)
Any 3.84 MHz channel over fo
+/- 32.5 MHz
-
2.6
3
%
Temperature Coefficient
-
-94
-
ppm/ ºC
Input Return Loss
over fo+/- 32.5 MHz
7
8.7
-
dB
Output Return Loss
over fo+/- 32.5 MHz
7
7.9
-
dB
Stopband Attenuation
(8)
5 – 100 MHz
100 – 152.5 MHz
230.5 – 231.0 MHz
231.0 – 237.0 MHz
237.0 – 310.0 MHz
310 – 500 MHz
500 – 860 MHz
50
35
32
35
35
35
50
60
38
36
37
40
56
60
-
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
dB
Source Impedance (balanced)
(9)
-
100
-
Load Impedance (balanced)
(9)
-
100
-
Notes:
1.
All specifications are based on the TriQuint schematic for the main reference design shown on page 3
2.
An external impedance matching network with ±2% tolerance will be necessary to achieve the proposed specifications
3.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
4.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
5.
Typical values are based on average measurements at room temperature
6.
This ripple defined as the worst peak to adjacent valley within the specified frequency ranges
7.
The EVM specification is guaranteed by design and measured approximately in production
8.
All bandwidths and attenuation measurements are referenced from minimum loss
9.
This is the optimum impedance in order to achieve the performance shown
Absolute Maximum Ratings
Parameter
Rating
Operable Temperature
-40 to +85
oC
Storage Temperature
-40 to +85
oC
Input Power
10dBm (Measured with continuous sine wave signal. Expected Lifetime of greater
than or equal to 10K Hrs at 55
oC)
Operation of this device outside the parameter ranges given above may cause permanent damage.


Similar Part No. - 857071

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
857072 TRIQUINT-857072 Datasheet
606Kb / 6P
   242.5 MHz SAW Filter
857072-EVB TRIQUINT-857072-EVB Datasheet
606Kb / 6P
   242.5 MHz SAW Filter
857072 TRIQUINT-857072_15 Datasheet
606Kb / 6P
   242.5 MHz SAW Filter
857073 TRIQUINT-857073 Datasheet
582Kb / 6P
   397.5 MHz SAW Filter
857073-EVB TRIQUINT-857073-EVB Datasheet
582Kb / 6P
   397.5 MHz SAW Filter
More results

Similar Description - 857071

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
TA1069A TAI-SAW-TA1069A Datasheet
428Kb / 8P
   SAW Filter 1910 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com