Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

857038 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # 857038
Description  836.5 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

857038 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  857038_15 Datasheet HTML 1Page - TriQuint Semiconductor 857038_15 Datasheet HTML 2Page - TriQuint Semiconductor 857038_15 Datasheet HTML 3Page - TriQuint Semiconductor 857038_15 Datasheet HTML 4Page - TriQuint Semiconductor 857038_15 Datasheet HTML 5Page - TriQuint Semiconductor 857038_15 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
857038
836.5 MHz SAW Filter
Data Sheet: Rev B 11/03/11
- 3 of 6 -
Disclaimer: Subject to change without notice e
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Reference Design
Schematic
50
Single-ended
Input
2,3,5
1
4
50
50
50
Single-ended
Output
Notes:
1.
Actual matching values may vary due to PCB layout and parasitic
PC Board
Mounting Configuration
WWY
960568
M
GT
0.15
1.35
0.15
1.00
0.425
0.35
Notes:
Top, middle & bottom layers: 1 oz copper
Substrates: FR4 dielectric, .031” thick
Finish plating: Nickel: 3-8µm thick, Gold: .03-.2µm thick
Hole plating: Copper min .0008µm thick
Notes:
1.
All dimensions are in millimeters.
2.
This footprint represents a recommendation only.
Bill of Material
Reference Desg.
Value
Description
Manufacturer
Part Number
SMA
N/A
SMA connector
Radiall USA Inc.
9602-1111-018
PCB
N/A
3-layer
multiple
960568


Similar Part No. - 857038_15

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
85703 MALLORY-85703 Datasheet
340Kb / 8P
   MSD Pro-Billet Small Diameter Chevrolet V8 Distributor
logo
TriQuint Semiconductor
857031 TRIQUINT-857031 Datasheet
644Kb / 7P
   826 MHz Notch Filter
857031 TRIQUINT-857031 Datasheet
644Kb / 7P
   826 MHz Notch Filter
857031-EVB TRIQUINT-857031-EVB Datasheet
644Kb / 7P
   826 MHz Notch Filter
857031-EVB TRIQUINT-857031-EVB Datasheet
644Kb / 7P
   826 MHz Notch Filter
More results

Similar Description - 857038_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855821 TRIQUINT-855821 Datasheet
381Kb / 5P
   836.5 MHz SAW Filter
logo
Integrated Technology F...
T83651B ITF-T83651B Datasheet
159Kb / 2P
   836.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1652A TAI-SAW-TA1652A Datasheet
152Kb / 6P
   SAW Filter 836.5 MHz
logo
TriQuint Semiconductor
855729 TRIQUINT-855729 Datasheet
394Kb / 5P
   836.5 MHz SAW Filter
856243 TRIQUINT-856243 Datasheet
527Kb / 6P
   836.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1415A TAI-SAW-TA1415A Datasheet
253Kb / 7P
   SAW Filter 836.5 MHz
logo
TriQuint Semiconductor
855821 TRIQUINT-855821_15 Datasheet
558Kb / 5P
   836.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1692C TAI-SAW-TA1692C Datasheet
505Kb / 9P
   SAW Filter 836.5 MHz
logo
TriQuint Semiconductor
856704 TRIQUINT-856704_15 Datasheet
331Kb / 6P
   836.5 MHz SAW Filter
logo
Murata Manufacturing Co...
SF1182B MURATA-SF1182B Datasheet
120Kb / 3P
   836.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0183B TAI-SAW-TA0183B Datasheet
1Mb / 7P
   SAW Filter 836.5 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com