Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

857005 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # 857005
Description  2437 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

857005 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  857005 Datasheet HTML 1Page - TriQuint Semiconductor 857005 Datasheet HTML 2Page - TriQuint Semiconductor 857005 Datasheet HTML 3Page - TriQuint Semiconductor 857005 Datasheet HTML 4Page - TriQuint Semiconductor 857005 Datasheet HTML 5Page - TriQuint Semiconductor 857005 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
857005
2437 MHz SAW Filter
Data Sheet: Rev C 08-28-14
-
5 of 6 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
0.46 NOM.
0.50 MAX.
0.325
1.20
0.25
0.50
1.25
1.40
0.25
0.90
MFG site
FG M
WWY
ID dot
Date code
code
Marking
Package Style: CSP-5BT
Dimensions: 1.40 x 1.20 x 0.46 mm
Body: Al2O3 ceramic
Lid: Kovar or Alloy 42, Au over Ni plated
Terminations: Au plating 0.5 - 1.0μm, over a 2-6μm Ni
plating
All dimensions shown are nominal in millimeters
All tolerances are ±0.15mm except overall length and
width ±0.10mm
The date code consists of: M = manufacturing site
code WW = 2 digit week and Y = last digit of year
Tape and Reel information
8.8
ID dot
2.0
Direction of travel
Ø330
Ø20.2
Ø13.0
Ø102
2.7
1.75
3.5
8.0
A
A
2.0
4.0
4.0
Ø1.0
Ø1.5
1.73
0.65
0.3
Section A-A
1.47
Standard T/R size=15,000 units/reel. All dimensions are in millimeters.
Minimum Order Quantity = 2500 units/ reel.
Package Information, Marking and Dimensions


Similar Part No. - 857005

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
85701 MALLORY-85701 Datasheet
353Kb / 8P
   MSD Pro-Billet Small Diameter Chevrolet V8 Distributor
logo
List of Unclassifed Man...
8570100100 ETC2-8570100100 Datasheet
2Mb / 164P
   We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
8570100200 ETC2-8570100200 Datasheet
2Mb / 164P
   We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
logo
Mallory performance clu...
85703 MALLORY-85703 Datasheet
340Kb / 8P
   MSD Pro-Billet Small Diameter Chevrolet V8 Distributor
logo
TriQuint Semiconductor
857031 TRIQUINT-857031 Datasheet
644Kb / 7P
   826 MHz Notch Filter
More results

Similar Description - 857005

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA2239A TAI-SAW-TA2239A Datasheet
446Kb / 7P
   SAW Filter 2437 MHz
logo
TriQuint Semiconductor
885070 TRIQUINT-885070_15 Datasheet
223Kb / 1P
   2437 MHz BAW Filter
logo
Qorvo, Inc
885070 QORVO-885070 Datasheet
252Kb / 1P
   2437 MHz BAW Filter
logo
TriQuint Semiconductor
QPQ1902 TRIQUINT-QPQ1902 Datasheet
472Kb / 6P
   2437 MHz BAW Filter
logo
Qorvo, Inc
885136 QORVO-885136 Datasheet
470Kb / 8P
   2437 MHz BAW Filter
QPQ1902 QORVO-QPQ1902 Datasheet
473Kb / 6P
   2437 MHz BAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com