Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

856990 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # 856990
Description  403.5 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856990 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  856990_15 Datasheet HTML 1Page - TriQuint Semiconductor 856990_15 Datasheet HTML 2Page - TriQuint Semiconductor 856990_15 Datasheet HTML 3Page - TriQuint Semiconductor 856990_15 Datasheet HTML 4Page - TriQuint Semiconductor 856990_15 Datasheet HTML 5Page - TriQuint Semiconductor 856990_15 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
856990
403.5 MHz SAW Filter
Data Sheet: Rev C 8/23/12
- 4 of 6 -
Disclaimer: Subject to change without notice e
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Typical Performance (at room temperature) Reference Design


Similar Part No. - 856990_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856992 TRIQUINT-856992 Datasheet
375Kb / 6P
   1882.5 MHz SAW Filter
856992-EVB TRIQUINT-856992-EVB Datasheet
375Kb / 6P
   1882.5 MHz SAW Filter
856992 TRIQUINT-856992_15 Datasheet
375Kb / 6P
   1882.5 MHz SAW Filter
856999 TRIQUINT-856999 Datasheet
272Kb / 1P
   833/878 MHz Duplexer
856999-EVB TRIQUINT-856999-EVB Datasheet
272Kb / 1P
   833/878 MHz Duplexer
More results

Similar Description - 856990_15

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF3607D RFM-RF3607D Datasheet
507Kb / 10P
   403.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1774A TAI-SAW-TA1774A Datasheet
688Kb / 8P
   SAW Filter 403.5 MHz
logo
RF Monolithics, Inc
RF1419D RFM-RF1419D Datasheet
80Kb / 3P
   403.5 MHz SAW Filter
logo
Murata Manufacturing Co...
RF1419D MURATA-RF1419D Datasheet
73Kb / 3P
   403.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1135B TAI-SAW-TA1135B Datasheet
245Kb / 6P
   SAW Filter 403.5 MHz
TA1940A TAI-SAW-TA1940A Datasheet
471Kb / 7P
   SAW Filter 403.5 MHz
TA1994A TAI-SAW-TA1994A Datasheet
330Kb / 6P
   SAW Filter 403.5 MHz
logo
Murata Manufacturing Co...
RF3607D MURATA-RF3607D Datasheet
507Kb / 10P
   403.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0997A TAI-SAW-TA0997A Datasheet
384Kb / 8P
   SAW Filter 403.5 MHz
TA1135A TAI-SAW-TA1135A Datasheet
427Kb / 6P
   SAW Filter 403.5 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com