Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

856979-EVB Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 856979-EVB
Description  806/847 MHz Duplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856979-EVB Datasheet(HTML) 2 Page - TriQuint Semiconductor

  856979-EVB Datasheet HTML 1Page - TriQuint Semiconductor 856979-EVB Datasheet HTML 2Page - TriQuint Semiconductor 856979-EVB Datasheet HTML 3Page - TriQuint Semiconductor 856979-EVB Datasheet HTML 4Page - TriQuint Semiconductor 856979-EVB Datasheet HTML 5Page - TriQuint Semiconductor 856979-EVB Datasheet HTML 6Page - TriQuint Semiconductor 856979-EVB Datasheet HTML 7Page - TriQuint Semiconductor 856979-EVB Datasheet HTML 8Page - TriQuint Semiconductor 856979-EVB Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
856979
806/847 MHz Duplexer
Data Sheet: Rev D 09/28/2012
- 2 of 9 -
Disclaimer: Subject to change without notice e
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
TX
– Electrical Specifications (1)
Specified Temperature Range:
(2) -20 to +85 ºC
Parameter
(3)
Conditions
Min
Typical
(4)
Max
Units
Ant-Tx Specification
Center Frequency
-
847
-
MHz
Maximum Insertion Loss
(5)
832 – 862 MHz
-
2.5
3.0
dB
Amplitude Variation
(9)
832 – 862 MHz
-
0.6
1.5
dB p-p
Absolute Attenuation
(6)
10 – 771 MHz
771 – 791 MHz
791 – 821 MHz
821 – 825 MHz
925 – 960 MHz
1565.420 – 1573.374 MHz
1573.374 – 1577.466 MHz
1577.466 – 1585.420 MHz
1597.5515 – 1605.886 MHz
1664 - 1724
1805 – 1880 MHz
1884.5 – 1919.6 MHz
2110 – 2170 MHz
2400 – 2500 MHz
2500 – 2586 MHz
2586– 2620
2620– 2690
3328– 4310
4992– 6000
30
33
43
3
28
38
40
40
43
35
30
30
30
35
35
35
30
20
15
35
37
48
15
33
43
45
45
48
47
45
43
40
42
40
40
38
31
22
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
Return Loss at Tx
832 – 862 MHz
8
10
-
dB
Return Loss at Antenna
832 – 862 MHz
8
10
-
dB
Tx-Rx Specification
Isolation
791 – 821 MHz (Differential)
832.5 – 862 MHz (Differential)
(8)
791 – 821 MHz (Common-mode)
832.5 – 862 MHz (Common-mode)
1574 – 1577 MHz
1664 – 1724 MHz
2496 – 2586 MHz
50
54
45
50
40
20
20
53
56
50
55
45
48
45
-
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
dB
Tx Impedance (single-ended)
(7)
-
50
-

Ant Impedance (single-ended)
(7)
-
50
-
Notes:
1. All specifications are based on the TriQuint schematic for the main reference design shown on page 4
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
4. Typical values are based on average measurements at room temperature
5. Design goal is to meet 3.0 dB Max. Need SPC data to determine actual performance
6. Relative to zero dB
7. This is the optimum impedance in order to achieve the performance shown
8. Target minimum is based on future design revision goals
9. Over any 5 MHz in-band


Similar Part No. - 856979-EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856979-EVB TRIQUINT-856979-EVB Datasheet
793Kb / 9P
   806/847 MHz Duplexer
More results

Similar Description - 856979-EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856979 TRIQUINT-856979 Datasheet
793Kb / 9P
   806/847 MHz Duplexer
logo
Transko Electronics, In...
TD806AP2 TRANSKO-TD806AP2 Datasheet
382Kb / 5P
   LTE, SAW DUPLEXER For 806 MHz / 847 MHz
Revision 0: September 2010
TD806BP2 TRANSKO-TD806BP2 Datasheet
384Kb / 5P
   LTE, SAW DUPLEXER For 806 MHz / 847 MHz
Revision 1: April 2013
logo
TAI-SAW TECHNOLOGY CO.,...
TA1072A TAI-SAW-TA1072A Datasheet
419Kb / 8P
   SAW Filter 847 MHz
logo
RF Monolithics, Inc
SF2197E RFM-SF2197E Datasheet
798Kb / 5P
   847 MHz SAW Filter
logo
TriQuint Semiconductor
856932 TRIQUINT-856932_15 Datasheet
572Kb / 8P
   847 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1757B TAI-SAW-TA1757B Datasheet
693Kb / 9P
   SAW Filter 847 MHz
logo
Murata Manufacturing Co...
SF2197E MURATA-SF2197E Datasheet
798Kb / 5P
   847 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1299A TAI-SAW-TA1299A Datasheet
481Kb / 6P
   SAW Filter 806 MHz
TA1071A TAI-SAW-TA1071A Datasheet
413Kb / 7P
   SAW Filter 806 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com