Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

960700-EVB Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # 960700-EVB
Description  1842.5 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

960700-EVB Datasheet(HTML) 1 Page - TriQuint Semiconductor

  960700-EVB Datasheet HTML 1Page - TriQuint Semiconductor 960700-EVB Datasheet HTML 2Page - TriQuint Semiconductor 960700-EVB Datasheet HTML 3Page - TriQuint Semiconductor 960700-EVB Datasheet HTML 4Page - TriQuint Semiconductor 960700-EVB Datasheet HTML 5Page - TriQuint Semiconductor 960700-EVB Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
856934
1842.5 MHz SAW Filter
Preliminary Data Sheet: Rev B 6/09/11
- 1 of 6 -
Disclaimer: Subject to change without notice e
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Applications
General purpose wireless
Wireless infrastructure
3G, 4G, Multi-standard
Repeaters
Product Features
Functional Block Diagram
Top view
Usable bandwidth 75 MHz
Low loss
Excellent power handling
Single-ended operation
Ceramic Surface Mount Package (SMP)
No impedance matching required for operation at 50Ω
Small Size: 3.00 x 3.00 x 1.22 mm
Hermetically sealed
RoHS compliant, Pb-free
4
2
3
1
6
5
Input
Output
Gnd
Gnd
Gnd
Gnd
General Description
Pin Configuration
856934 is a general purpose Downlink filter for band 3.
This filter was specifically designed in a 3x3mm hermetic
package for base station applications and is part of our wide
portfolio of RF filters in the same package.
Low insertion loss, coupled with high attenuation and
excellent power handling, makes this filter a natural choice
for our customers’ Downlink RF filtering needs.
Pin # SE
Description
2
Input
5
Output
1,3,4,6
Case Ground
Ordering Information
Part No.
Description
856934
packaged part
960700-EVB
evaluation board
Standard T/R size = 5000 units/reel.


Similar Part No. - 960700-EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
960700-EVB TRIQUINT-960700-EVB Datasheet
361Kb / 6P
   1842.5 MHz SAW Filter
More results

Similar Description - 960700-EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855860 TRIQUINT-855860_15 Datasheet
515Kb / 5P
   1842.5 MHz SAW Filter
856079 TRIQUINT-856079 Datasheet
466Kb / 7P
   1842.5 MHz SAW Filter
856575 TRIQUINT-856575 Datasheet
584Kb / 7P
   1842.5 MHz SAW Filter
855860 TRIQUINT-855860 Datasheet
417Kb / 5P
   1842.5 MHz SAW Filter
856934 TRIQUINT-856934 Datasheet
361Kb / 6P
   1842.5 MHz SAW Filter
856409 TRIQUINT-856409 Datasheet
566Kb / 7P
   1842.5 MHz SAW Filter
logo
Murata Manufacturing Co...
SF1192B MURATA-SF1192B Datasheet
174Kb / 5P
   1842.5 MHz SAW Filter
logo
RF Monolithics, Inc
SF1192B RFM-SF1192B Datasheet
174Kb / 5P
   1842.5 MHz SAW Filter
logo
Oscilent Corporation
802-RF1842.5M-A OSCILENT-802-RF1842.5M-A Datasheet
180Kb / 2P
   1842.5 MHz RF SAW Filter
logo
Abracon Corporation
ABSTS5A2-34IM033M ABRACON-ABSTS5A2-34IM033M Datasheet
728Kb / 10P
   1842.5 MHz SMD SAW Filter
06-02-21
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com