Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

856963 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # 856963
Description  875 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856963 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  856963_15 Datasheet HTML 1Page - TriQuint Semiconductor 856963_15 Datasheet HTML 2Page - TriQuint Semiconductor 856963_15 Datasheet HTML 3Page - TriQuint Semiconductor 856963_15 Datasheet HTML 4Page - TriQuint Semiconductor 856963_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Part Number 856963
875 MHz SAW Filter
Data Sheet
Subject to change or obsolescence without notice
Rev -
09/10
© TriQuint Semiconductor
Page 4 of 5
Matching Schematics
50
Single-ended
Input
2,4
1
3
50
50
50
Single-ended
Output
Marking
PCB Footprint
The date code consists of: WW = 2 digit week,
Y = last digit of year, M = manufacturing site code
This footprint represents a recommendation only
Dimensions shown are nominal in millimeters
Tape and Reel
8.8
ID dot
2.0
Direction of travel
Ø330
Ø20.2
Ø13.0
Ø102
2.7
1.83
Section A-A
0.3
1.09
2.34
Ø1.5
Ø1.0
4.0
4.0
2.0
A
A
8.0
3.5
1.75
Dimensions shown are nominal in millimeters
Packaging quantity: 10000 units/reel
Marking
code
MFG site
EE M
WWY
ID dot
Date code
0.31x45°
CHAMFER
0.76
2.00
0.62
1.50


Similar Part No. - 856963_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856966 TRIQUINT-856966 Datasheet
604Kb / 6P
   358.4 MHz SAW Filter
856966-EVB TRIQUINT-856966-EVB Datasheet
604Kb / 6P
   358.4 MHz SAW Filter
856966 TRIQUINT-856966_15 Datasheet
604Kb / 6P
   358.4 MHz SAW Filter
More results

Similar Description - 856963_15

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0908B TAI-SAW-TA0908B Datasheet
450Kb / 7P
   SAW Filter 875 MHz
TA1350A TAI-SAW-TA1350A Datasheet
385Kb / 6P
   SAW Filter 875 MHz
TA0908A TAI-SAW-TA0908A Datasheet
393Kb / 7P
   SAW Filter 875 MHz
TA2554A TAI-SAW-TA2554A Datasheet
601Kb / 7P
   SAW Filter 875 MHz SMD 2.0횞1.6 mm (BW=10 MHz)
TA2711AA1325 TAI-SAW-TA2711AA1325 Datasheet
731Kb / 7P
   SAW Filter 875 MHz (BW 10MHz) SMD 1.4X1.1 mm
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
logo
KR Electronics, Inc.
2910 KR-2910 Datasheet
44Kb / 2P
   875 MHz Center Frequency
logo
M/A-COM Technology Solu...
MAFL-010608 MA-COM-MAFL-010608 Datasheet
760Kb / 6P
   MoCA BPF 650-875 MHz
logo
API Technologies Corp
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com