Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU2200RTXLCD2U Datasheet(PDF) 5 Page - Tripp Lite. All Rights Reserved

Part # SU2200RTXLCD2U
Description  SmartOnline 100-127V 2.2kVA 1.8kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, LCD display, USB, DB9 Serial
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SU2200RTXLCD2U Datasheet(HTML) 5 Page - Tripp Lite. All Rights Reserved

  SU2200RTXLCD2U Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SU2200RTXLCD2U Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SU2200RTXLCD2U Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SU2200RTXLCD2U Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SU2200RTXLCD2U Datasheet HTML 5Page - Tripp Lite. All Rights Reserved SU2200RTXLCD2U Datasheet HTML 6Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0 to 95%, non-condensing
AC Mode BTU / Hr. (Full Load)
683
AC Economy Mode BTU / Hr. (Full
Load)
390
Battery Mode BTU / Hr. (Full Load)
838
AC Economy Mode Efficiency Rating
(100% Load)
94%
Operating Elevation (ft.)
0-3000m / 0-10,000 ft.
Audible Noise
57 dBA at 1m front side
Operating Elevation (m)
0-3000 m
COMMUNICATIONS
Communications Interface
USB (HID enabled); DB9 Serial; Contact closure; EPO (emergency power off); Slot for SNMP/Web interface
Network Monitoring Port Description
Supports detailed monitoring of UPS and site power conditions; DB9 port supports RS232 and contact closure
communications
PowerAlert Software
Included
Communications Cable
USB and DB9 cabling included
WatchDog Compatibility
Supports Watchdog application, OS and hard-reboot restart options for remote applications
LINE / BATTERY TRANSFER
Transfer Time
Zero (0 milliseconds) in double-conversion mode; 4 milliseconds economy mode
Low Voltage Transfer to Battery
Power (Setpoint)
100V at full load (90V full load at 100V nominal setting); 70V at 70% load; 55V at 33% load
High Voltage Transfer to Battery
Power (Setpoint)
150
SPECIAL FEATURES
Cold Start (Startup in Battery Mode
During a Power Failure)
Cold-start operation supported
High Availability UPS Features
Automatic inverter bypass; Hot swappable batteries
Green Energy-Saving Features
High efficiency economy mode operation; Individually controllable load banks; Schedulable daily hours of economy
mode operation
CERTIFICATIONS
UPS Certifications
Tested to UL1778 (USA); Tested to CSA (Canada); Meets FCC Part 15 Category A (EMI); ROHS (Restriction of
Hazardous Substances); ENERGY STAR Qualified
5 / 6


Similar Part No. - SU2200RTXLCD2U

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU2200RTXLCDN TRIPPLITE-SU2200RTXLCDN Datasheet
184Kb / 6P
   SmartOnline 120V 2.2kVA 1.8kW Double-Conversion UPS, 2U Rack/Tower, Extended Run, WEBCARDLX Network Interface
More results

Similar Description - SU2200RTXLCD2U

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU2200XLCD TRIPPLITE-SU2200XLCD Datasheet
567Kb / 6P
   SmartOnline 100-127V 2.2kVA 1.8kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, Tower, LCD display, USB, DB9 Serial
SU750RTXLCD2U TRIPPLITE-SU750RTXLCD2U Datasheet
507Kb / 6P
   SmartOnline 100-127V 750VA 675W On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, LCD display, USB, DB9 Serial
SU1000RTXLCD2U TRIPPLITE-SU1000RTXLCD2U Datasheet
507Kb / 6P
   SmartOnline 100-127V 1kVA 900W On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, LCD display, USB, DB9 Serial
SU3000RTXL2U TRIPPLITE-SU3000RTXL2U Datasheet
496Kb / 6P
   SmartOnline 100-127V 3kVA 2.5kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, USB, DB9 Serial
SU1500XLCD TRIPPLITE-SU1500XLCD Datasheet
565Kb / 6P
   SmartOnline 100-127V 1.5kVA 1.35kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, Tower, LCD display, USB, DB9 Serial
SU1000XLCD TRIPPLITE-SU1000XLCD Datasheet
545Kb / 6P
   SmartOnline 100-127V 1kVA 900W On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, Tower, LCD display, USB, DB9 Serial
SUINT2200RTXL2UA TRIPPLITE-SUINT2200RTXL2UA Datasheet
493Kb / 6P
   SmartOnline 200-240V 2.2kVA 1.6kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, USB, DB9 Serial
SU3000XLCD TRIPPLITE-SU3000XLCD Datasheet
560Kb / 6P
   SmartOnline 100-127V 3kVA 2.7kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, Tower, LCD display, USB, DB9 Serial
SU2200RTXL2UA TRIPPLITE-SU2200RTXL2UA_15 Datasheet
494Kb / 6P
   SmartOnline 110-120V 2.2kVA 1.6kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, USB, DB9 Serial
SU2200RTXL2UN TRIPPLITE-SU2200RTXL2UN Datasheet
497Kb / 5P
   SmartOnline 120V 2.2kVA 1.6kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard pre-installed, 2U Rack/Tower, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com