Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

856930-EVB Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # 856930-EVB
Description  457.5 MHz SAW Filter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856930-EVB Datasheet(HTML) 8 Page - TriQuint Semiconductor

  856930-EVB Datasheet HTML 1Page - TriQuint Semiconductor 856930-EVB Datasheet HTML 2Page - TriQuint Semiconductor 856930-EVB Datasheet HTML 3Page - TriQuint Semiconductor 856930-EVB Datasheet HTML 4Page - TriQuint Semiconductor 856930-EVB Datasheet HTML 5Page - TriQuint Semiconductor 856930-EVB Datasheet HTML 6Page - TriQuint Semiconductor 856930-EVB Datasheet HTML 7Page - TriQuint Semiconductor 856930-EVB Datasheet HTML 8Page - TriQuint Semiconductor 856930-EVB Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
856930
457.5 MHz SAW Filter
Data Sheet: Rev A 3/18/11
- 8 of 9 -
Disclaimer: Subject to change without notice e
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Mechanical Information
Package Information, Dimensions and Marking
1.27 NOM.
1.45 MAX.
0.61
1.00
0.60
1.27
3.80
3.80
1.50
Date code
code
Marking
GL
JJJYM
ID dot
TriQuint
logo
Package Style: SMP-15
Dimensions: 3.80 x 3.80 x 1.27 mm
Body: Al2O3 ceramic
Lid: Kovar, Ni plated
Terminations: Au plating 0.5 - 1.0μm, over a 2-6μm Ni
plating
All dimensions shown are nominal in millimeters
All tolerances are ±0.15mm except overall length and width
±0.10mm
The date code consists of day of the current year (Julian,
3 digits), Y = last digit of the year, and M = manufacturing
site code
Tape and Reel Information
Standard T/R size = 4000 units/reel. All dimensions are in millimeters
logo
TriQuint
Pad 1 ID dot
Direction of travel
2.0
Ø13.0
Ø20.2
12.8
Ø330
2.7
Ø102
Ø1.5
2.0
0.3
8.0
4.0
4.1
4.1
1.8
1.75
5.5
12.0
Ø1.5
A
A
Section A-A


Similar Part No. - 856930-EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856931 TRIQUINT-856931 Datasheet
748Kb / 9P
   710/740 MHz Duplexer
856931-EVB TRIQUINT-856931-EVB Datasheet
748Kb / 9P
   710/740 MHz Duplexer
856932 TRIQUINT-856932_15 Datasheet
572Kb / 8P
   847 MHz SAW Filter
856934 TRIQUINT-856934 Datasheet
361Kb / 6P
   1842.5 MHz SAW Filter
856934 TRIQUINT-856934 Datasheet
361Kb / 6P
   1842.5 MHz SAW Filter
More results

Similar Description - 856930-EVB

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1200A TAI-SAW-TA1200A Datasheet
338Kb / 6P
   SAW Filter 457.5 MHz
TE0129A TAI-SAW-TE0129A Datasheet
503Kb / 8P
   457.5 / 915 MHz SAW Diplexer
TA2556A TAI-SAW-TA2556A Datasheet
1Mb / 7P
   SAW Filter 457.5 MHz SMD 3.8횞3.8 mm (BW=15 MHz)
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com