Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

856883-EVB Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # 856883-EVB
Description  737 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856883-EVB Datasheet(HTML) 1 Page - TriQuint Semiconductor

  856883-EVB Datasheet HTML 1Page - TriQuint Semiconductor 856883-EVB Datasheet HTML 2Page - TriQuint Semiconductor 856883-EVB Datasheet HTML 3Page - TriQuint Semiconductor 856883-EVB Datasheet HTML 4Page - TriQuint Semiconductor 856883-EVB Datasheet HTML 5Page - TriQuint Semiconductor 856883-EVB Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
856883
737 MHz SAW Filter
Data Sheet: Rev C 4/05/11
- 1 of 6 -
Disclaimer: Subject to change without notice e
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Applications
General purpose wireless
Wireless infrastructure
3G, 4G, Multi-standard
Repeaters
Product Features
Functional Block Diagram
Top view
Usable bandwidth 18 MHz
High attenuation
Low Loss
Excellent power handling
Single-ended operation
No matching required for operation at 50Ω
Small Size: 3.00 x 3.00 x 1.22 mm
Ceramic Surface Mount Package (SMP)
Hermetically Sealed
RoHS compliant, Pb-free
4
2
3
1
6
5
Input
Output
Gnd
Gnd
Gnd
Gnd
General Description
Pin Configuration
856883 is a general purpose Downlink filter for band 12.
This filter was specifically designed in a 3x3mm hermetic
package for base station applications and is part of our wide
portfolio of RF filters in the same package.
Low insertion loss, coupled with high attenuation and
excellent power handling, makes this filter a natural choice
for our customers Downlink RF filtering needs.
Pin # Balanced
Description
2
Input
5
Output
1,3,4,6
Case Ground
Ordering Information
Part No.
Description
856883
packaged part
856883-EVB
evaluation board
Standard T/R size = 5000 units/reel.


Similar Part No. - 856883-EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856880 TRIQUINT-856880 Datasheet
497Kb / 5P
   1880 MHz SAW Filter
856880 TRIQUINT-856880 Datasheet
387Kb / 6P
   1880 MHz SAW Filter
856880-EVB TRIQUINT-856880-EVB Datasheet
387Kb / 6P
   1880 MHz SAW Filter
856880 TRIQUINT-856880_15 Datasheet
387Kb / 6P
   1880 MHz SAW Filter
856882 TRIQUINT-856882 Datasheet
1Mb / 8P
   358.4 MHz SAW Filter
More results

Similar Description - 856883-EVB

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1211A TAI-SAW-TA1211A Datasheet
425Kb / 7P
   SAW Filter 737 MHz
TA0915B TAI-SAW-TA0915B Datasheet
251Kb / 7P
   SAW Filter 737 MHz
TA0915A TAI-SAW-TA0915A Datasheet
345Kb / 7P
   SAW Filter 737 MHz
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com