Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

856882 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # 856882
Description  358.4 MHz SAW Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856882 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  856882 Datasheet HTML 1Page - TriQuint Semiconductor 856882 Datasheet HTML 2Page - TriQuint Semiconductor 856882 Datasheet HTML 3Page - TriQuint Semiconductor 856882 Datasheet HTML 4Page - TriQuint Semiconductor 856882 Datasheet HTML 5Page - TriQuint Semiconductor 856882 Datasheet HTML 6Page - TriQuint Semiconductor 856882 Datasheet HTML 7Page - TriQuint Semiconductor 856882 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
856882
358.4 MHz SAW Filter
Data Sheet: Rev - 7/26/11
- 4 of 8 -
Disclaimer: Subject to change without notice e
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Impedance option #2
– 200 Bal Input, 50 SE Output
Schematic
200
Balanced
Input
1,2,3,5,6
7,8,9,11
200
12
4
50
10
18pF
27nH
100pF
22nH
4.0pF
100pF
50
Single-ended
Output
Note: Actual matching values may vary due to PCB layout and parasitic
PC Board
Mounting Configuration
856882
TriQuint
JJJYHH






5.71
.99
7.21
1.34
1.34
.99
.28
.28
Notes:
Top, middle & bottom layers: 1 oz copper
Substrates: FR4 dielectric, .031” thick
Finish plating: Nickel: 3-8µm thick, Gold: .03-.2µm thick
Hole plating: Copper min .0008µm thick
Notes:
3.
All dimensions are in millimeters.
4.
This footprint represents a recommendation only.
Bill of Material
Reference Desg.
Value
Description
Manufacturer
Part Number
C1
100 pF
Chip Ceramic, 0603, 5%
Panasonic
ECU-V1H101KCV
C2
100 pF
Chip Ceramic, 0603, 5%
Panasonic
ECU-V1H101KCV
C3
4.0 pF
Chip Ceramic, 0603, 5%
Panasonic
ECU-V1H040CCV
C4
18 pF
Chip Ceramic, 0603, 5%
Panasonic
ECU-V1H0180KCV
L1
27 nH
Coil Wire-wound, 0603, 5%
MuRata
LQW18AN27NJ00
L2
22 nH
Coil Wire-wound, 0603, 5%
MuRata
LQW18AN22NJ00
SMA
N/A
SMA connector
Johnson Components
142-0701-801
PCB
N/A
3-layer
multiple
991275


Similar Part No. - 856882

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856880 TRIQUINT-856880 Datasheet
497Kb / 5P
   1880 MHz SAW Filter
856880 TRIQUINT-856880 Datasheet
387Kb / 6P
   1880 MHz SAW Filter
856880-EVB TRIQUINT-856880-EVB Datasheet
387Kb / 6P
   1880 MHz SAW Filter
856880 TRIQUINT-856880_15 Datasheet
387Kb / 6P
   1880 MHz SAW Filter
856883 TRIQUINT-856883 Datasheet
372Kb / 6P
   737 MHz SAW Filter
More results

Similar Description - 856882

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856771 TRIQUINT-856771_15 Datasheet
577Kb / 5P
   358.4 MHz SAW Filter
856966 TRIQUINT-856966_15 Datasheet
604Kb / 6P
   358.4 MHz SAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com