Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

856880-EVB Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # 856880-EVB
Description  1880 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856880-EVB Datasheet(HTML) 6 Page - TriQuint Semiconductor

  856880-EVB Datasheet HTML 1Page - TriQuint Semiconductor 856880-EVB Datasheet HTML 2Page - TriQuint Semiconductor 856880-EVB Datasheet HTML 3Page - TriQuint Semiconductor 856880-EVB Datasheet HTML 4Page - TriQuint Semiconductor 856880-EVB Datasheet HTML 5Page - TriQuint Semiconductor 856880-EVB Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
856880
1880 MHz SAW Filter
Data Sheet: Rev B 10/23/12
- 6 of 6 -
Disclaimer: Subject to change without notice e
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Product Compliance Information
ESD Information
ESD Rating: 0
Value:
Passes  50V min.
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
ESD Rating: A
Value:
Passes  50V min.
Test:
Machine Model (MM)
Standard:
JEDEC Standard JESD22-A115
Solderability
Compatible with the latest version of J-STD-020, lead
free solder, 260°C
Refer to Soldering Profile for recommended guidelines.
This part is compliant with EU 2002/95/EC RoHS
directive (Restrictions on the Use of Certain Hazardous
Substances in Electrical and Electronic Equipment).
This product also has the following attributes:
Halogen Free (Chlorine, Bromine)
Antimony Free
TBBP-A (C15H12Br402) Free
PFOS Free
SVHC Free
MSL Rating
Devices are Hermetic, therefore MSL is not applicable
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations, and information about
TriQuint:
Web:
www.triquint.com
Tel:
+1.407.886.8860
Email: info-sales@tqs.com
Fax:
+1.407.886.7061
For technical questions and application information:
Email: flapplication.engineering@tqs.com
Important Notice
The information contained herein is believed to be reliable. TriQuint makes no warranties regarding the information contained
herein. TriQuint assumes no responsibility or liability whatsoever for any of the information contained herein. TriQuint
assumes no responsibility or liability whatsoever for the use of the information contained herein. The information contained
herein is provided "AS IS, WHERE IS" and with all faults, and the entire risk associated with such information is entirely with
the user. All information contained herein is subject to change without notice. Customers should obtain and verify the latest
relevant information before placing orders for TriQuint products.
The information contained herein or any use of such
information does not grant, explicitly or implicitly, to any party any patent rights, licenses, or any other intellectual property
rights, whether with regard to such information itself or anything described by such information.
TriQuint products are not warranted or authorized for use as critical components in medical, life-saving, or life-sustaining
applications, or other applications where a failure would reasonably be expected to cause severe personal injury or death.
Caution! ESD-Sensitive Device


Similar Part No. - 856880-EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856880 TRIQUINT-856880 Datasheet
497Kb / 5P
   1880 MHz SAW Filter
More results

Similar Description - 856880-EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856530 TRIQUINT-856530_15 Datasheet
583Kb / 6P
   1880 MHz SAW Filter
856705 TRIQUINT-856705_15 Datasheet
327Kb / 6P
   1880 MHz SAW Filter
855849 TRIQUINT-855849 Datasheet
384Kb / 5P
   1880 MHz SAW Filter
855849 TRIQUINT-855849_15 Datasheet
581Kb / 5P
   1880 MHz SAW Filter
856880 TRIQUINT-856880 Datasheet
497Kb / 5P
   1880 MHz SAW Filter
856244 TRIQUINT-856244 Datasheet
557Kb / 6P
   1880 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1871B TAI-SAW-TA1871B Datasheet
495Kb / 9P
   SAW Filter 1880 MHz
logo
TriQuint Semiconductor
856056 TRIQUINT-856056 Datasheet
444Kb / 6P
   1880 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2036E MURATA-SF2036E Datasheet
245Kb / 5P
   1880 MHz SAW Filter
logo
RF Monolithics, Inc
SF2036E RFM-SF2036E Datasheet
245Kb / 5P
   1880 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com