Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU40K Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SU40K
Description  SmartOnline 40kVA Modular 3-Phase UPS System,On-line Double-Conversion UPS for North America
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SU40K Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SU40K Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SU40K Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SU40K Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SU40K Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SU40K Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
output. Built-in Emergency Power Off (EPO) dry-contact interface supports remote emergency shutdown in large facilities. A start-up service program is
recommended to enhance the reliability of the installation.
Features
N+1 configuration: two self-contained, redundant 20kVA power modules can be hot-swapped with the load powered if maintenance is required
1+1 configuration: two SU40K models connected in parallel provide fail-safe redundancy or increased capacity
High input power factor, advanced IGBT inverter technology and Digital Signal Processor (DSP) technology produce low input Total Harmonic Distortion
(THDi)
Low THDi (less than 3%) saves installation costs by allowing 1:1 generator sizing
Extremely efficient operation (up to 96%) saves money by lowering electricity consumption
True on-line, double conversion UPS with IGBT technology provides pure sine wave AC output at all times
Maintains continuous operation through blackouts, voltage fluctuations and surges with zero transfer time
Removes harmonic distortion, electrical impulses, frequency variations and other hard-to-solve power problems
40,000VA/32,000W power capacity with 3-phase, hardwire 120/208VAC input/output connections
Features a wide input voltage correction range: 94-150/163-260VAC
Precision +/-1% output voltage regulation
Internal power and battery components are combined in a single small-footprint tower module. Typical half-load/full-load runtimes are 13 min./5.5 min.
Battery runtime can be extended with optional stand-alone hardwired external battery modules (Models BP480V26B and BP480V40C) with matching
battery cabinets, available separately from Tripp Lite. Additional battery cabinets for extended runtime solutions also available; contact Tripp Lite for more
information
Front panel combination LCD/LED display includes a real-time event log screen with up to 500 events listed
Dynamic battery management screen optimizes battery function to lengthen service life and allow cold restart of the UPS
Built-in RS-232 communication port works with included PowerAlert Software to provide shutdown commands and reporting on a single server
Accessory slot accepts an optional internal SNMP card (Model: SNMPWEBCARD) for remote shutdowns, reboots and more
Emergency Power Off button turns UPS output OFF and disables Bypass output
Built-in Emergency Power Off (EPO) dry-contact interface supports remote emergency shutdown in large facilities
Start-up service program is recommended to enhance the reliability of the installation
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
40000
Output kVA Capacity (kVA)
40
Output Watt Capacity (Watts)
32000
Output kW Capacity (kW)
32
Power Factor
0.8
Crest Factor
3:1
Nominal Output Voltage(s)
Supported
120/208V; 3-Phase Wye
Frequency Compatibility
50 / 60 Hz
Output Voltage Regulation (Line
Mode)
+/- 1%
2 / 5


Similar Part No. - SU40K

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU40KMBPKX TRIPPLITE-SU40KMBPKX Datasheet
505Kb / 2P
   3 Breaker Maintenance Bypass Panel for SU40KX
SU40KX TRIPPLITE-SU40KX Datasheet
506Kb / 5P
   SmartOnline 40kVA Modular 3-Phase UPS System,On-line Double-Conversion International UPS
More results

Similar Description - SU40K

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU40KX TRIPPLITE-SU40KX Datasheet
506Kb / 5P
   SmartOnline 40kVA Modular 3-Phase UPS System,On-line Double-Conversion International UPS
SU80KTV TRIPPLITE-SU80KTV Datasheet
500Kb / 5P
   SmartOnline 277-480V 3-Phase Wye 80kVA Modular 3-Phase UPS System, On-line Double-Conversion UPS for North America
SU60K TRIPPLITE-SU60K Datasheet
503Kb / 5P
   SmartOnline 120-208V 3-Phase Wye 60kVA Modular 3-Phase UPS System, On-line Double-Conversion UPS for North America
SU60KTV TRIPPLITE-SU60KTV Datasheet
503Kb / 5P
   SmartOnline 277-480V 3-Phase Wye 60kVA Modular 3-Phase UPS System, On-line Double-Conversion UPS for North America
SU80K TRIPPLITE-SU80K Datasheet
500Kb / 5P
   SmartOnline 120-208V 3-Phase Wye 80kVA Modular 3-Phase UPS System, On-line Double-Conversion UPS for North America
SU100KX2 TRIPPLITE-SU100KX2 Datasheet
502Kb / 5P
   SmartOnline 100kVA Modular 3-Phase UPS System,On-line Double-Conversion International UPS
SU120KX2 TRIPPLITE-SU120KX2 Datasheet
496Kb / 5P
   SmartOnline 120kVA Modular 3-Phase UPS System,On-line Double-Conversion International UPS
SU60KX TRIPPLITE-SU60KX Datasheet
506Kb / 5P
   SmartOnline 60kVA Modular 3-Phase UPS System,On-line Double-Conversion International UPS
SU80KX2 TRIPPLITE-SU80KX2 Datasheet
503Kb / 5P
   SmartOnline 80kVA Modular 3-Phase UPS System,On-line Double-Conversion International UPS (expandable to 120kVA)
SU20KX TRIPPLITE-SU20KX Datasheet
506Kb / 5P
   SmartOnline 20kVA 16kW Modular 3-Phase UPS System, On-line Double-Conversion UPS, SNMP,Webcard, DB9 Serial
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com