Electronic Components Datasheet Search |
|
UPD16434GF-001-3B9 Datasheet(PDF) 10 Page - NEC |
|
UPD16434GF-001-3B9 Datasheet(HTML) 10 Page - NEC |
10 / 39 page Data Sheet S10299EJ4V0DS00 10 µµµµ PD16434 2. INTERNAL BLOCK FUNCTIONS 2.1 Serial/Parallel Interface The µ PD16434 contains both serial and parallel interface functions. Whether the serial interface or the parallel interface is used is determined by whether the P, /S input is high (specifying the parallel interface) or low (specifying the serial interface) at the RESET signal falling edge. The interface circuit is used to write commands and data from the CPU or output data to the CPU. The operation of the serial/parallel interface differs, depending on the data processing mode setting. When a RESET is input, the data processing mode is initialized to the write mode, so that the first command input can be accepted. Afterwards, the mode can be set to write related or read related data processing mode by the data processing set command. If the data processing mode is set to the write, AND, OR, or the character write related mode, the serial/parallel interface is set to the data input mode, and the µ PD16434 clocks in the data from the SI pin (serial data) or from the D3 to D0 pins (4-bit parallel data) in synchronization with the rising edge of the /SCK or the /STB, respectively. If the data processing mode is set to the read mode, the serial/parallel interface becomes the data output mode and outputs data from the SO pin (serial data) or from the D3 to D0 pins (4-bit parallel data) in synchronization with the falling edge of the /SCK or the /STB. The serial/parallel register serves as the buffer, between 8-bit serial data or two 4-bit parallel data transferred through the serial input/output (SI, SO) or parallel input/output (D3 to D0) and 8-bit parallel data of the data memory. Figure 2–1. Serial/Parallel Interface /STB' Read/write control RESET /CS CA0,CA1 C, /D /BUSY /STB, /SCK Data control D0/SI D3/SO D1(P, /S) D2(CAE) /SCK' SI' 8-bit serial/parallel register bit 0-3 4 bit 4-7 4 8 Internal bus SO' |
Similar Part No. - UPD16434GF-001-3B9 |
|
Similar Description - UPD16434GF-001-3B9 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |