Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCS202PF Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS202PF
Description  Surface Mount Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS202PF Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS202PF_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS202PF_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SCS202PF_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Any changing of specification will not be informed individual
SCS202PF
Dual Series Chips
Surface Mount Switching Diode
Dim
Min
Max
A
1.800
2.200
B
1.150
1.350
C
0.800
1.000
D
0.300
0.400
G
1.200
1.400
H
0.000
0.100
J
0.100
0.250
K
0.350
0.500
L
0.590
0.720
S
2.000
2.400
V
0.280
0.420
All Dimension in mm
SOT-323(SC-70)
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
SC-70
SOT-323
1
2
3
ANODE
3
C ATHODE
1
2
C ATHODE
Marking code: P, MO
MAXIMUM RATINGS (EACH DIODE)
Rating
Symbol
Value
Unit
Peak reverse voltage
VRM (V)
80
Vdc
Vdc
DC reverse voltage
VR (V)
80
Peak forward current
Mean rectifying current
IFM (mA)
Io (mA)
Isurge (A)
300
100
mAdc
Surge current
4
mW
mW
Power dissipation (TOTAL)
Pd (mW)
200
Junction temperature
T j(ºC)
150
Storage temperature
T stg(ºC)
-55~+155
P / N Type
N
ELECTRICAL CHARACTERISTICS (TA=25 unless otherwise noted) (EACH DIODE)
Characteristic
Symbol
Min
Max
Unit
Forward voltage
(IF = 100)
VF (V)
CT(pF)
t rr(ns)
1.2
Vdc
(IR = 70uA)
Reverse current
IR
0.1
µAdc
Capacitance between terminals
(VR = 6, f = 1.0 MHz)
Reverse recovery time
(VR = 6, f = 5.0 MHz)
4
3.5
mVdc
1. FR–5 = 1.0 X 0.75 X 0.062 in. 2.Alumina = 0.4 X 0.3 X 0.024 in. 99.5% alumina.
http://www.SeCoSGmbH.com
Elektronische Bauelemente
ºC
ºC
Application
Ultra high speed switching
Features
Four types of packaging are available.
High speed. (trr=1.5ns Typ.)
Suitable for high packing density layout.
High reliability.
Construction
Silicon epitaxial planar
01-Jun-2002 Rev. A
Page 1 of 3
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SCS202PF_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS202PF SECOS-SCS202PF Datasheet
684Kb / 3P
   Dual Series Chips Surface Mount Switching Diode
More results

Similar Description - SCS202PF_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
   SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV23A DIODES-BAV23A_08 Datasheet
126Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 13 - 2
MMBD2004SW DIODES-MMBD2004SW_08 Datasheet
113Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30443 Rev. 6 - 2
logo
Pan Jit International I...
MMBD7000 PANJIT-MMBD7000_09 Datasheet
231Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
MMBD7000W PANJIT-MMBD7000W_09 Datasheet
215Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
1SS400G PANJIT-1SS400G_09 Datasheet
265Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
1SS184 BILIN-1SS184 Datasheet
280Kb / 3P
   Surface mount switching diode
BAL99 BILIN-BAL99 Datasheet
175Kb / 3P
   Surface mount switching diode
BAS16 BILIN-BAS16 Datasheet
308Kb / 3P
   Surface mount switching diode
BAS21 BILIN-BAS21 Datasheet
177Kb / 3P
   Surface mount switching diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com