Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU20KRT Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # SU20KRT
Description  SmartOnline 200-240V 20kVA 18kW On-Line Double-Conversion UPS, N1, Extended Run,SNMP, Webcard, 12U Rack-Tower, USB, DB9 Serial
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SU20KRT Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  SU20KRT Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SU20KRT Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SU20KRT Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SU20KRT Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SU20KRT Datasheet HTML 5Page - Tripp Lite. All Rights Reserved SU20KRT Datasheet HTML 6Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Rated input current (Maximum Load)
112.2A (200V), 108A (208V), 102A (220V), 97.6A (230V), 93.6A (240V)
Nominal Input Voltage(s) Supported
200V AC; 208V AC; 240V AC
UPS Input Connection Type
Hardwire
UPS Input Connection Description
3 wire single phase input (L1, L2, G)
Recommended Electrical Service
125A @ 200V, 208V, or 240V (L1, L2, G)
Input Phase
Single-Phase
BATTERY
Full Load Runtime (min.)
4.3 minutes (18,000 watts)
Half Load Runtime (min.)
12.5 minutes (9000 watts)
Expandable Battery Runtime
Runtime is expandable with external battery packs
External Battery Pack Compatibility
BP240V10RT3U ; BP240V557C-1PH ; BP240V787C-1PH ; BP240V1037C-1PH ; BP240V1407C-1PH
Expandable Runtime Description
For best results, add external batteries in multiples of two so that both included 10kVA power modules have an
equal number and type of connected battery packs
DC System Voltage (VDC)
240
Battery Recharge Rate (Included
Batteries)
Less than 6 hours from 10% to 90% (typical, full load discharge)
Battery Replacement Description
Hot-swappable, user replaceable external battery packs
VOLTAGE REGULATION
Voltage Regulation Description
2% output voltage regulation in standard online, double-conversion mode
Overvoltage Correction
Corrects overvoltages up to 300V
Undervoltage Correction
Corrects undervoltages as low as 100V
USER INTERFACE, ALERTS & CONTROLS
Front Panel LCD Display
Selectable LCD display with scroll and selection buttons enables UPS control and detailed monitoring options;
LED/LCD panel rotates for viewing in rack/tower formats; LCD Display supports ENGLISH, FRENCH, GERMAN,
ITALIAN, SPANISH and PORTUGUESE (see manual)
Switches
2 Switches control off/on power status and alarm-cancel/self-test operation; 2 additional switches support set and
execute scrolling LCD functions; bundled PDU includes bypass switch to enable hot-swap UPS power module
replacement
Alarm Cancel Operation
Alarm cancel switch
Audible Alarm
Unique audible alarms for all major UPS, environmental and power conditions (see manual)
LED Indicators
6 LEDs indicate line power, online mode, economy/bypass mode, on-battery, charger and AC output status; LCD
screen offers additional information and control options
SURGE / NOISE SUPPRESSION
UPS AC Suppression Response
Time
Instantaneous
EMI / RFI AC Noise Suppression
Yes
3 / 6


Similar Part No. - SU20KRT

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU20KRT1TF TRIPPLITE-SU20KRT1TF Datasheet
564Kb / 6P
   SmartOnline 208-120V or 240-120V 20kVA 18kW, On-Line Double-Conversion UPS, N1, Extended Run, SNMP, Webcard, 14U Rack-Tower, USB, DB9 Serial
SU20KRT8 TRIPPLITE-SU20KRT8 Datasheet
564Kb / 6P
   SmartOnline 200-240V 20kVA 18kW On-Line Double-Conversion UPS, N1, Extended Run,SNMP, Webcard, 12U Rack-Tower, USB, DB9 Serial,NEMA Outlets
SU20KRTG TRIPPLITE-SU20KRTG Datasheet
563Kb / 6P
   SmartOnline 200-240V 20kVA 18kW On-Line Double-Conversion UPS, N1, Extended Run,SNMP, Webcard, 12U Rack-Tower, USB, DB9 Serial,C19
SU20KRTHW TRIPPLITE-SU20KRTHW Datasheet
562Kb / 6P
   SmartOnline 200-240V, 20kVA 18kW On-Line Double-Conversion UPS, N1, Extended Run,SNMP, Webcard, 12U Rack-Tower, USB, DB9 Serial,Hardwire
SU20KRTHWTFASSM TRIPPLITE-SU20KRTHWTFASSM Datasheet
550Kb / 6P
   SmartOnline 240-120V 20kVA 18kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, USB, DB9 Serial, Hardwire
More results

Similar Description - SU20KRT

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU20KRTHW TRIPPLITE-SU20KRTHW Datasheet
562Kb / 6P
   SmartOnline 200-240V, 20kVA 18kW On-Line Double-Conversion UPS, N1, Extended Run,SNMP, Webcard, 12U Rack-Tower, USB, DB9 Serial,Hardwire
SU20KRTG TRIPPLITE-SU20KRTG Datasheet
563Kb / 6P
   SmartOnline 200-240V 20kVA 18kW On-Line Double-Conversion UPS, N1, Extended Run,SNMP, Webcard, 12U Rack-Tower, USB, DB9 Serial,C19
SU20KRT8 TRIPPLITE-SU20KRT8 Datasheet
564Kb / 6P
   SmartOnline 200-240V 20kVA 18kW On-Line Double-Conversion UPS, N1, Extended Run,SNMP, Webcard, 12U Rack-Tower, USB, DB9 Serial,NEMA Outlets
SU16KRT TRIPPLITE-SU16KRT Datasheet
563Kb / 6P
   SmartOnline 200-240V 16kVA 14.4kW On-Line Double-Conversion UPS, N1, Extended Run,SNMP, Webcard, 12U Rack-Tower, USB, DB9 Serial
SU16KRTHW TRIPPLITE-SU16KRTHW Datasheet
562Kb / 6P
   SmartOnline 200-240V, 16kVA 14.4kW On-Line Double-Conversion UPS, N1, Extended Run,SNMP, Webcard, 12U Rack-Tower, USB, DB9 Serial,Hardwire
SU16KRTG TRIPPLITE-SU16KRTG Datasheet
564Kb / 6P
   SmartOnline 200-240V 16kVA 14.4kW On-Line Double-Conversion UPS, N1, Extended Run,SNMP, Webcard, 12U Rack-Tower, USB, DB9 Serial,C19 Outlets
SU20KRTHWTFASSM TRIPPLITE-SU20KRTHWTFASSM Datasheet
550Kb / 6P
   SmartOnline 240-120V 20kVA 18kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, USB, DB9 Serial, Hardwire
SU16KRT8 TRIPPLITE-SU16KRT8 Datasheet
564Kb / 6P
   SmartOnline 200-240V 16kVA 14.4kW On-Line Double-Conversion UPS, N1, Extended Run,SNMP, Webcard, 12U Rack-Tower, USB, DB9 Serial,NEMA Outlets
SUINT2200RTXL2UA TRIPPLITE-SUINT2200RTXL2UA Datasheet
493Kb / 6P
   SmartOnline 200-240V 2.2kVA 1.6kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, USB, DB9 Serial
SUINT1000RTXL2UA TRIPPLITE-SUINT1000RTXL2UA Datasheet
492Kb / 5P
   SmartOnline 200-240V 1kVA 800W On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com