Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU20K33 Datasheet(PDF) 4 Page - Tripp Lite. All Rights Reserved

Part # SU20K33
Description  SmartOnline 3-Phase In-Out 120-208V 20kVA 16kW On-Line Double-Conversion UPS, Extended Run,SNMP, Webcard, Tower, DB9 Serial, Hardwired
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SU20K33 Datasheet(HTML) 4 Page - Tripp Lite. All Rights Reserved

  SU20K33_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SU20K33_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SU20K33_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SU20K33_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SU20K33_15 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Alarm Cancel Operation
Power-fail alarm can be silenced using alarm-cancel switch
Audible Alarm
Alarms warn against a variety of operational conditions: low-battery, overload, shutdown, bypass and more
LED Indicators
7 LED DISPLAY: AC input, bypass input, AC-DC charger, DC-AC inverter, AC output, bypass operation and
battery operation
SURGE / NOISE SUPPRESSION
EMI / RFI AC Noise Suppression
Yes
AC Suppression Joule Rating
2032
AC Suppression Response Time
Instantaneous
PHYSICAL
Installation Form Factors Supported
with Included Accessories
Tower
Primary Form Factor
Tower
UPS Power Module Dimensions
(hwd, in.)
35.9 x 19.5 x 36.8
UPS Power Module Dimensions
(hwd, cm)
91.2 x 49.5 x 93.6
Installed Whole System Maximum
Rack Depth (cm)
0
UPS Power Module Weight (lbs.)
519.2
UPS Power Module Weight (kg)
233.6
UPS Shipping Dimensions (hwd / in.)
44 x 28 x 44.4
UPS Shipping Dimensions (hwd /
cm)
111.5 x 71.1 x 113
Shipping Weight (lbs.)
607.2
Shipping Weight (kg)
273.2
Cooling Method
Fans
UPS Housing Material
Steel
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
5 to 95%, non-condensing
AC Mode BTU / Hr. (Full Load)
6068
COMMUNICATIONS
Communications Interface
DB9 Serial; Contact closure; Slot for SNMP/Web interface
Network Monitoring Port Description
RS232, contact closure and AS400 monitoring ports are supported by 3 separate DB9 ports
4 / 5


Similar Part No. - SU20K33_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SU20K33XR5 ETC2-SU20K33XR5 Datasheet
500Kb / 7P
   SmartOnline 20kVA On-Line Double-Conversion UPS, 3 Phase input / output with oversize battery set
logo
Tripp Lite. All Rights ...
SU20K33XR5 TRIPPLITE-SU20K33XR5_15 Datasheet
494Kb / 5P
   SmartOnline 3-Phase In-Out 208-120V 20kVA 16kW On-Line Double-Conversion UPS, Extended Run,SNMP, Webcard, 12U Rack-Tower, DB9 Serial,Hardwire
More results

Similar Description - SU20K33_15

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU20K33XR5 TRIPPLITE-SU20K33XR5_15 Datasheet
494Kb / 5P
   SmartOnline 3-Phase In-Out 208-120V 20kVA 16kW On-Line Double-Conversion UPS, Extended Run,SNMP, Webcard, 12U Rack-Tower, DB9 Serial,Hardwire
SU30K33 TRIPPLITE-SU30K33_15 Datasheet
502Kb / 5P
   SmartOnline 3-Phase In-Out 120-208V 30kVA 24kW On-Line Double-Conversion UPS, Extended Run,SNMP, Webcard, Tower, DB9 Serial, Hardwire
SU20KX TRIPPLITE-SU20KX Datasheet
506Kb / 5P
   SmartOnline 20kVA 16kW Modular 3-Phase UPS System, On-line Double-Conversion UPS, SNMP,Webcard, DB9 Serial
SU20KRTHWTFASSM TRIPPLITE-SU20KRTHWTFASSM Datasheet
550Kb / 6P
   SmartOnline 240-120V 20kVA 18kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, USB, DB9 Serial, Hardwire
SU3000XL TRIPPLITE-SU3000XL_15 Datasheet
531Kb / 5P
   SmartOnline 110-120V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, Tower, USB, DB9 Serial
SU1500XL TRIPPLITE-SU1500XL_15 Datasheet
521Kb / 5P
   SmartOnline 100-120V 1.5kVA 1.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, Tower, USB, DB9 Serial
SU2200XLA TRIPPLITE-SU2200XLA Datasheet
515Kb / 5P
   SmartOnline 110-120V 2.2kVA 1.6kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, Tower, USB, DB9 Serial
SU30K33XR5 TRIPPLITE-SU30K33XR5_15 Datasheet
494Kb / 5P
   SmartOnline 3-Phase In-Out 208-120V 30kVA 24kW On-Line Double-Conversion UPS, Extended Run,SNMP, Webcard, 12U Rack-Tower, DB9 Serial,Hardwire
SU750XL TRIPPLITE-SU750XL_15 Datasheet
504Kb / 5P
   SmartOnline 100-120V 750VA 600W On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, Tower, USB, DB9 Serial
SU1000XLA TRIPPLITE-SU1000XLA_15 Datasheet
516Kb / 5P
   SmartOnline 100-120V 1kVA 800W On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, Tower, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com