Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU16KRT8 Datasheet(PDF) 4 Page - Tripp Lite. All Rights Reserved

Part # SU16KRT8
Description  SmartOnline 200-240V 16kVA 14.4kW On-Line Double-Conversion UPS, N1, Extended Run,SNMP, Webcard, 12U Rack-Tower, USB, DB9 Serial,NEMA Outlets
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SU16KRT8 Datasheet(HTML) 4 Page - Tripp Lite. All Rights Reserved

  SU16KRT8 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SU16KRT8 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SU16KRT8 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SU16KRT8 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SU16KRT8 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved SU16KRT8 Datasheet HTML 6Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PHYSICAL
Included Mounting Accessory
Description
4 sets of adjustable 4 post rack rails included (one for each included 3U module)
Installation Form Factors Supported
with Optional Accessories
2 post rackmount (2POSTRMKITHD); Tower (2-9USTAND)
Optional Mounting Accessory Notes
Qty 4 2POSTRMKITHD required for 2 post rackmount installation; Qty 2 2-9USTAND required for tower installation
Primary Form Factor
Rackmount
UPS Power Module Dimensions
(hwd, in.)
5.14 x 17.5 x 25.82
UPS Power Module Dimensions
(hwd, cm)
13.1 x 44.5 x 65.6
Installed Whole System Maximum
Rack Depth (in.)
32.5
Installed Whole System Maximum
Rack Depth (cm)
82.6
Rack Height (U Spaces)
12
UPS Power Module Weight (lbs.)
43
UPS Power Module Weight (kg)
19.5
UPS Dimensions Details
Includes 2 SU8000RT3UPM UPS/Power modules and 2 BP240V10RT3U Battery packs; Listed weights and
dimensions for UPS/Power module and Included battery pack each refer to a single unit
Included Battery Pack Dimensions
(hwd / in.)
5.25 x 17.5 x 25
Included Battery Pack Dimensions
(hwd / cm)
13.3 x 44.5 x 63.5
Included Battery Pack Weight (lbs.)
158.7
Included Battery Pack Weight (kg)
72
UPS Shipping Dimensions (hwd / in.)
36 x 40.25 x 51
UPS Shipping Dimensions (hwd /
cm)
91.4 x 102.2 x 129.5
Shipping Weight (lbs.)
600
Shipping Weight (kg)
272.4
Cooling Method
Fans
UPS Housing Material
Steel
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius.
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius.
Relative Humidity
0 to 95%, non-condensing
AC Mode BTU / Hr. (Full Load)
5456
4 / 6


Similar Part No. - SU16KRT8

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU16KRT TRIPPLITE-SU16KRT Datasheet
563Kb / 6P
   SmartOnline 200-240V 16kVA 14.4kW On-Line Double-Conversion UPS, N1, Extended Run,SNMP, Webcard, 12U Rack-Tower, USB, DB9 Serial
SU16KRT1TF TRIPPLITE-SU16KRT1TF Datasheet
562Kb / 6P
   SmartOnline 208-120V or 240-120V 16kVA 14.4kW On-Line Double-Conversion UPS, N plus 1, Extended Run, SNMP, Webcard, 14U Rack-Tower, USB, DB9 Serial
SU16KRTG TRIPPLITE-SU16KRTG Datasheet
564Kb / 6P
   SmartOnline 200-240V 16kVA 14.4kW On-Line Double-Conversion UPS, N1, Extended Run,SNMP, Webcard, 12U Rack-Tower, USB, DB9 Serial,C19 Outlets
SU16KRTHW TRIPPLITE-SU16KRTHW Datasheet
562Kb / 6P
   SmartOnline 200-240V, 16kVA 14.4kW On-Line Double-Conversion UPS, N1, Extended Run,SNMP, Webcard, 12U Rack-Tower, USB, DB9 Serial,Hardwire
More results

Similar Description - SU16KRT8

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU16KRT TRIPPLITE-SU16KRT Datasheet
563Kb / 6P
   SmartOnline 200-240V 16kVA 14.4kW On-Line Double-Conversion UPS, N1, Extended Run,SNMP, Webcard, 12U Rack-Tower, USB, DB9 Serial
SU16KRTG TRIPPLITE-SU16KRTG Datasheet
564Kb / 6P
   SmartOnline 200-240V 16kVA 14.4kW On-Line Double-Conversion UPS, N1, Extended Run,SNMP, Webcard, 12U Rack-Tower, USB, DB9 Serial,C19 Outlets
SU16KRTHW TRIPPLITE-SU16KRTHW Datasheet
562Kb / 6P
   SmartOnline 200-240V, 16kVA 14.4kW On-Line Double-Conversion UPS, N1, Extended Run,SNMP, Webcard, 12U Rack-Tower, USB, DB9 Serial,Hardwire
SU20KRT8 TRIPPLITE-SU20KRT8 Datasheet
564Kb / 6P
   SmartOnline 200-240V 20kVA 18kW On-Line Double-Conversion UPS, N1, Extended Run,SNMP, Webcard, 12U Rack-Tower, USB, DB9 Serial,NEMA Outlets
SU20KRT TRIPPLITE-SU20KRT Datasheet
566Kb / 6P
   SmartOnline 200-240V 20kVA 18kW On-Line Double-Conversion UPS, N1, Extended Run,SNMP, Webcard, 12U Rack-Tower, USB, DB9 Serial
SU20KRTHW TRIPPLITE-SU20KRTHW Datasheet
562Kb / 6P
   SmartOnline 200-240V, 20kVA 18kW On-Line Double-Conversion UPS, N1, Extended Run,SNMP, Webcard, 12U Rack-Tower, USB, DB9 Serial,Hardwire
SU20KRTG TRIPPLITE-SU20KRTG Datasheet
563Kb / 6P
   SmartOnline 200-240V 20kVA 18kW On-Line Double-Conversion UPS, N1, Extended Run,SNMP, Webcard, 12U Rack-Tower, USB, DB9 Serial,C19
SUINT2200RTXL2UA TRIPPLITE-SUINT2200RTXL2UA Datasheet
493Kb / 6P
   SmartOnline 200-240V 2.2kVA 1.6kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, USB, DB9 Serial
SUINT1000RTXL2UA TRIPPLITE-SUINT1000RTXL2UA Datasheet
492Kb / 5P
   SmartOnline 200-240V 1kVA 800W On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, USB, DB9 Serial
SUINT1500RTXL2UA TRIPPLITE-SUINT1500RTXL2UA Datasheet
491Kb / 5P
   SmartOnline 200-240V 1.5kVA 1.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com