Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU16KRT1TF Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SU16KRT1TF
Description  SmartOnline 208-120V or 240-120V 16kVA 14.4kW On-Line Double-Conversion UPS, N plus 1, Extended Run, SNMP, Webcard, 14U Rack-Tower, USB, DB9 Serial
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SU16KRT1TF Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SU16KRT1TF Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SU16KRT1TF Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SU16KRT1TF Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SU16KRT1TF Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SU16KRT1TF Datasheet HTML 5Page - Tripp Lite. All Rights Reserved SU16KRT1TF Datasheet HTML 6Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HID-compliant USB interface
Includes Free PowerAlert monitoring software; PowerAlert LOCAL, PowerAlert NSA and PowerAlert NMS for monitoring up to 250 SNMP-enabled UPS,
PDU and other networking devices
Optional 2POSTRMKITHD supports installation in 2 post 19 inch racks (6 required)
Optional 2-9USTAND supports upright tower placement (2 required)
Supports Emergency Power Off (EPO) via built-in interface
Front panel LEDs and LCD readout with scroll controls
LED / LCD display panel rotates for viewing in rackmount or tower configurations
External battery packs are field replaceable and hot swappable
Specifications
OUTPUT
Output Capacity Details
Supports up to 105% load continuously in double conversion mode, 106 to 125% for 1 minute, 126% to 150% for 30
seconds; Loads over 150% trigger immediate bypass mode operation to support loads directly from mains power;
Double conversion mode is automatically restored as load levels are reduced to 95% or less
Output Volt Amp Capacity (VA)
16000
Output kVA Capacity (kVA)
16
Output Watt Capacity (Watts)
14400
Output kW Capacity (kW)
14.4
Power Factor
0.9
Crest Factor
3:1
Nominal Output Voltage(s)
Supported
120V; 208V; 240V
Nominal Voltage Details
This configuration requires the Power Module be set to 208 or 240V output voltage; included step-down transformer
supports 120V output (when the voltage-selection switch on the transformer module is set to match the 208 or 240V
power module setting)
Frequency Compatibility
60 Hz
Frequency Compatibility Details
Output frequency regulation +/- 0.05Hz (free running)
Output Voltage Regulation (Line
Mode)
+/- 2%
Output Voltage Regulation
(Economy Line Mode)
+/- 10%
Output Voltage Regulation (Battery
Mode)
+/- 2%
Output Receptacles
(4) 5-15R; (8) 5-15/20R; (2) L6-30R; (8) C19
Output Receptacle Details
Total 120V output is limited to 4992 watts for 208V input and 5760 watts for 240V input. Additional 120V capacity is
available by adding a second SU6000XFMR2U step-down transformer.
Output Circuit Breakers
POWER MODULE: Two built-in 30A breakers protect one L6-30R outlet each, Eight built-in 20A breakers protect
one C19 outlet each; TRANSFORMER MODULE: Two 15A breakers protect 2 5-15R outlets each, Two 20A
breakers protect 4 5-15/20R outlets each
Output AC Waveform (AC Mode)
Pure Sine wave
2 / 6


Similar Part No. - SU16KRT1TF

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU16KRT TRIPPLITE-SU16KRT Datasheet
563Kb / 6P
   SmartOnline 200-240V 16kVA 14.4kW On-Line Double-Conversion UPS, N1, Extended Run,SNMP, Webcard, 12U Rack-Tower, USB, DB9 Serial
SU16KRT8 TRIPPLITE-SU16KRT8 Datasheet
564Kb / 6P
   SmartOnline 200-240V 16kVA 14.4kW On-Line Double-Conversion UPS, N1, Extended Run,SNMP, Webcard, 12U Rack-Tower, USB, DB9 Serial,NEMA Outlets
SU16KRTG TRIPPLITE-SU16KRTG Datasheet
564Kb / 6P
   SmartOnline 200-240V 16kVA 14.4kW On-Line Double-Conversion UPS, N1, Extended Run,SNMP, Webcard, 12U Rack-Tower, USB, DB9 Serial,C19 Outlets
SU16KRTHW TRIPPLITE-SU16KRTHW Datasheet
562Kb / 6P
   SmartOnline 200-240V, 16kVA 14.4kW On-Line Double-Conversion UPS, N1, Extended Run,SNMP, Webcard, 12U Rack-Tower, USB, DB9 Serial,Hardwire
More results

Similar Description - SU16KRT1TF

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU20KRT1TF TRIPPLITE-SU20KRT1TF Datasheet
564Kb / 6P
   SmartOnline 208-120V or 240-120V 20kVA 18kW, On-Line Double-Conversion UPS, N1, Extended Run, SNMP, Webcard, 14U Rack-Tower, USB, DB9 Serial
SU16000RT4UHW TRIPPLITE-SU16000RT4UHW_15 Datasheet
549Kb / 6P
   SmartOnline 208-120V or 240-120V 16kVA 11.2kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, 8U Rack-Tower, USB, DB9 Serial, Hardwire
SU16000RT4U TRIPPLITE-SU16000RT4U_15 Datasheet
552Kb / 6P
   SmartOnline 208-120V or 240-120V 16kVA 11.2kW On-Line Double-Cnversion UPS, Extended Run,SNMP, Webcard, 8U Rack/Tower, USB, DB9 Serial
SU12000RT4U TRIPPLITE-SU12000RT4U Datasheet
550Kb / 6P
   SmartOnline 240/120V or 208-120V 12kVA 8.4kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, 8U Rack-Tower, USB, DB9 Serial
SU6000RT3U TRIPPLITE-SU6000RT3U_15 Datasheet
561Kb / 6P
   SmartOnline 208/120V or 240/120V 6kVA 4.2kW On-Line Double-Conversion UPS, Extended Run,SNMP, Webcard, 9U Rack/Tower, USB, DB9 Serial,Hardwire
SU6000RT4UTFHW TRIPPLITE-SU6000RT4UTFHW Datasheet
554Kb / 6P
   SmartOnline 208/120V or 240/120V 6kVA 5.4kW On-Line Double-Conversion UPS, Extended Run,SNMP, Webcard, 6U Rack/Tower, LCD, USB, DB9 Serial
SU5000RT4UTF TRIPPLITE-SU5000RT4UTF Datasheet
518Kb / 6P
   SmartOnline 208/120V 5kVA 4.5kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack/Tower, USB, DB9 Serial
SU5000RT3U TRIPPLITE-SU5000RT3U_15 Datasheet
533Kb / 6P
   SmartOnline 208/120V 5kVA 3.5kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, 7U Rack/Tower, USB, DB9 Serial
SU16KRT TRIPPLITE-SU16KRT Datasheet
563Kb / 6P
   SmartOnline 200-240V 16kVA 14.4kW On-Line Double-Conversion UPS, N1, Extended Run,SNMP, Webcard, 12U Rack-Tower, USB, DB9 Serial
SU10KRT3U TRIPPLITE-SU10KRT3U_15 Datasheet
555Kb / 6P
   SmartOnline 240-120V or 208-120V 10kVA 9kW On-Line Double-Conversion UPS, Extended Run,SNMP, Webcard, 9U, USB, DB9 Serial, Hardwire
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com