Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU16KRT Datasheet(PDF) 5 Page - Tripp Lite. All Rights Reserved

Part # SU16KRT
Description  SmartOnline 200-240V 16kVA 14.4kW On-Line Double-Conversion UPS, N1, Extended Run,SNMP, Webcard, 12U Rack-Tower, USB, DB9 Serial
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SU16KRT Datasheet(HTML) 5 Page - Tripp Lite. All Rights Reserved

  SU16KRT Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SU16KRT Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SU16KRT Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SU16KRT Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SU16KRT Datasheet HTML 5Page - Tripp Lite. All Rights Reserved SU16KRT Datasheet HTML 6Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AC Economy Mode BTU / Hr. (Full
Load)
2046
AC Mode Efficiency Rating (100%
Load)
90%
AC Economy Mode Efficiency Rating
(100% Load)
96%
Operating Elevation (ft.)
0-3000m (0 to 10,000 ft.)
Audible Noise
60 dBA at front side 1 meter
Operating Elevation (m)
0-3000 m
COMMUNICATIONS
Communications Interface
USB (HID enabled); DB9 Serial; EPO (emergency power off); Slot for SNMP/Web interface
Network Monitoring Port Description
Applications utilizing the optional network communications card require two SNMPWEBCARD accessories (install
one per included power module); Additional contact closure support with optional RELAYIOCARD and
RELAYIOMINI interface cards; RELAYIOMINI installation requires removal of panel containing USB ports
PowerAlert Software
Included
Communications Cable
USB, DB9 serial and EPO cables included
WatchDog Compatibility
Supports Watchdog application, OS and hard-reboot restart options for remote applications
LINE / BATTERY TRANSFER
Transfer Time
No transfer time (0 ms.) in online, double-conversion mode
Transfer Time (Economy Mode)
8 milliseconds typical power failure response in optional economy mode
Low Voltage Transfer to Battery
Power (Setpoint)
100V
High Voltage Transfer to Battery
Power (Setpoint)
300V
SPECIAL FEATURES
Cold Start (Startup in Battery Mode
During a Power Failure)
Cold-start operation supported
Economy Mode Operation
Optional economy mode enables high efficiency bypass operation with a maximum output voltage variation of
+/-10%. Double conversion mode is automatically restored as mains voltage varies beyond +/-10% with less than 1
millisecond transfer time between modes.
High Availability UPS Features
Automatic inverter bypass; Manual bypass switch; Detachable hot-swap PDU; Hot swappable UPS power module;
Hot swappable batteries
Green Energy-Saving Features
High efficiency economy mode operation; Support for daily startup and shutoff; Schedulable daily hours of economy
mode operation
CERTIFICATIONS
UPS Certifications
Tested to UL1778 (USA); Tested to CSA (Canada); Meets FCC Part 15 Category A (EMI); ROHS (Restriction of
Hazardous Substances)
UPS Certification Details
IEC 61000-4-5 1995 B Surge Immunity
5 / 6


Similar Part No. - SU16KRT

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU16KRT1TF TRIPPLITE-SU16KRT1TF Datasheet
562Kb / 6P
   SmartOnline 208-120V or 240-120V 16kVA 14.4kW On-Line Double-Conversion UPS, N plus 1, Extended Run, SNMP, Webcard, 14U Rack-Tower, USB, DB9 Serial
SU16KRT8 TRIPPLITE-SU16KRT8 Datasheet
564Kb / 6P
   SmartOnline 200-240V 16kVA 14.4kW On-Line Double-Conversion UPS, N1, Extended Run,SNMP, Webcard, 12U Rack-Tower, USB, DB9 Serial,NEMA Outlets
SU16KRTG TRIPPLITE-SU16KRTG Datasheet
564Kb / 6P
   SmartOnline 200-240V 16kVA 14.4kW On-Line Double-Conversion UPS, N1, Extended Run,SNMP, Webcard, 12U Rack-Tower, USB, DB9 Serial,C19 Outlets
SU16KRTHW TRIPPLITE-SU16KRTHW Datasheet
562Kb / 6P
   SmartOnline 200-240V, 16kVA 14.4kW On-Line Double-Conversion UPS, N1, Extended Run,SNMP, Webcard, 12U Rack-Tower, USB, DB9 Serial,Hardwire
More results

Similar Description - SU16KRT

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU16KRTHW TRIPPLITE-SU16KRTHW Datasheet
562Kb / 6P
   SmartOnline 200-240V, 16kVA 14.4kW On-Line Double-Conversion UPS, N1, Extended Run,SNMP, Webcard, 12U Rack-Tower, USB, DB9 Serial,Hardwire
SU16KRT8 TRIPPLITE-SU16KRT8 Datasheet
564Kb / 6P
   SmartOnline 200-240V 16kVA 14.4kW On-Line Double-Conversion UPS, N1, Extended Run,SNMP, Webcard, 12U Rack-Tower, USB, DB9 Serial,NEMA Outlets
SU16KRTG TRIPPLITE-SU16KRTG Datasheet
564Kb / 6P
   SmartOnline 200-240V 16kVA 14.4kW On-Line Double-Conversion UPS, N1, Extended Run,SNMP, Webcard, 12U Rack-Tower, USB, DB9 Serial,C19 Outlets
SU20KRT TRIPPLITE-SU20KRT Datasheet
566Kb / 6P
   SmartOnline 200-240V 20kVA 18kW On-Line Double-Conversion UPS, N1, Extended Run,SNMP, Webcard, 12U Rack-Tower, USB, DB9 Serial
SU20KRTHW TRIPPLITE-SU20KRTHW Datasheet
562Kb / 6P
   SmartOnline 200-240V, 20kVA 18kW On-Line Double-Conversion UPS, N1, Extended Run,SNMP, Webcard, 12U Rack-Tower, USB, DB9 Serial,Hardwire
SU20KRTG TRIPPLITE-SU20KRTG Datasheet
563Kb / 6P
   SmartOnline 200-240V 20kVA 18kW On-Line Double-Conversion UPS, N1, Extended Run,SNMP, Webcard, 12U Rack-Tower, USB, DB9 Serial,C19
SU20KRT8 TRIPPLITE-SU20KRT8 Datasheet
564Kb / 6P
   SmartOnline 200-240V 20kVA 18kW On-Line Double-Conversion UPS, N1, Extended Run,SNMP, Webcard, 12U Rack-Tower, USB, DB9 Serial,NEMA Outlets
SUINT2200RTXL2UA TRIPPLITE-SUINT2200RTXL2UA Datasheet
493Kb / 6P
   SmartOnline 200-240V 2.2kVA 1.6kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, USB, DB9 Serial
SUINT1000RTXL2UA TRIPPLITE-SUINT1000RTXL2UA Datasheet
492Kb / 5P
   SmartOnline 200-240V 1kVA 800W On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, USB, DB9 Serial
SUINT1500RTXL2UA TRIPPLITE-SUINT1500RTXL2UA Datasheet
491Kb / 5P
   SmartOnline 200-240V 1.5kVA 1.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com