Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6505 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6505
Description  Low Power Consumption, High Speed 200mA LDO Regulator - 10.5V Input
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6505 Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6505 Datasheet HTML 1Page - Torex Semiconductor XC6505 Datasheet HTML 2Page - Torex Semiconductor XC6505 Datasheet HTML 3Page - Torex Semiconductor XC6505 Datasheet HTML 4Page - Torex Semiconductor XC6505 Datasheet HTML 5Page - Torex Semiconductor XC6505 Datasheet HTML 6Page - Torex Semiconductor XC6505 Datasheet HTML 7Page - Torex Semiconductor XC6505 Datasheet HTML 8Page - Torex Semiconductor XC6505 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
XC6505 Series
ELECTRICAL CHARACTERISTICS
XC6505A/B Series
Ta=25℃
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
S
CIRCUIT
VOUT(T)
(*3) < 2.0V
VCE=VIN, IOUT=10mA
-0.02
( *4)
+0.02
( *4)
Output Voltage
VOUT(E)
(*2)
VOUT(T) ≧ 2.0V
VCE=VIN, IOUT=10mA
×
0.99
( *4)
VOUT(T)
×
1.01
( *4)
V
VOUT(T) ≦ 2.0V
VCE=VIN=VOUT(T) + 1.5V
Maximum Output Current
IOUTMAX
VOUT(T) > 2.0V
VCE=VIN=VOUT(T) + 1.0V
200
-
-
mA
Load Regulation
ΔVOUT
VCE=VIN, 0.1mA≦IOUT≦100mA
-
20
40
mV
Dropout Voltage
(*5)
Vdif
VCE=VIN , IOUT=100mA
Refer to VOLTAGE CHART E-1
mV
VOUT(T) ≦ 5.0V
VCE=VIN, IOUT=0mA
-
5.5
8.0
Supply Current
IDD
VOUT(T) > 5.0V
VCE=VIN, IOUT=0mA
-
6.0
10.0
μ
A
Stand-by Current
ISTB
B
VIN=10.5V, VCE=VSS
-
0.01
0.1
μ
A
Line Regulation
ΔVOUT/
(ΔVIN・VOUT)
VOUT(T)+0.5V≦VIN≦10.5V,VCE=VIN,
IOUT=30mA
-
0.1
0.2
%/V
Input Voltage
VIN
1.7
-
10.5
V
Output Voltage
Temperature
Characteristics
ΔVOUT/
(ΔTopr・VOUT)
VCE=VIN, IOUT=30mA
-40℃≦Topr≦105℃
-
±30
-
ppm/
Ripple Rejection Rate
PSRR
VIN={VOUT(T)+1.0}VDC+0.5Vp-pAC
VCE=VIN, IOUT=30mA, f=1kHz
Refer to VOLTAGE CHART E-2
dB
VOUT(T) ≦ 2.0V
VCE=VIN=VOUT(T) + 1.5V, VOUT= VOUT(T)×0.95
Limit Current
ILIM
VOUT(T) > 2.0V
VCE=VIN=VOUT(T) + 1.0V, VOUT= VOUT(T)×0.95
210
300
-
mA
Short Current
ISHORT
VCE=VIN, Short VOUT to VSS level
-
110
-
mA
CE High Level Voltage
VCEH
1.2
-
VIN
V
CE Low Level Voltage
VCEL
VSS
-
0.45
V
CE High Level Current
ICEH
VIN=VCE=10.5V
-0.1
-
0.1
μ
A
CE Low Level Current
ICEL
VCE=VSS
-0.1
-
0.1
μ
A
CL Auto-Discharge
Resistance
(*8)
RDCHG
VIN=10.5V, VCE=VSS, VOUT=5.0V
300
400
500
Ω
Thermal Shutdown Detect
Temperature
TTSD
Junction Temperature
-
150
-
-
Thermal Shutdown
Release Temperature
TTSR
Junction Temperature
-
125
-
-
Thermal Shutdown
Hysteresis Width
T
4/24
THYS
TSD -T
-
25
-
-
TSR
NOTE:
(* 1) Unless otherwise stated, input voltage is VIN=VOUT(T)
(*3)+1.0V.
(* 2) VOUT(E) is defined as output voltages when an amply stabilized VOUT(T)+1.0V is supplied to the VIN pin while maintaining a certain IOUT .
(* 3) VOUT(T) is nominal output voltage
(* 4) For the specified value of the effective output voltage VOUT(E) of each nominal output voltage, refer to VOLTAGE CHART E-0.
(* 5) Vdif = VIN1
(*6)-VOUT1(*7)
(* 6) VIN1 is the input voltage when VOUT1 appears at the VOUT pin while input voltage is gradually decreased.
(* 7) VOUT1 equals 98% of the output voltage when amply stabilized VOUT (T)+1.0V are supplied to the V pin.
IN
(* 8) R
is effective for the XC6505B Series only. The XC6505A Series discharges only through the resistance R1 + R2 in the block
DCHG
diagram.


Similar Part No. - XC6505

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6501 TOREX-XC6501 Datasheet
497Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501 TOREX-XC6501 Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501A1217R-G TOREX-XC6501A1217R-G Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501A121GL TOREX-XC6501A121GL Datasheet
497Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501A121GR TOREX-XC6501A121GR Datasheet
497Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
More results

Similar Description - XC6505

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62FJ TOREX-XC62FJ Datasheet
413Kb / 16P
   10V Input, 200mA Low Consumption Current Regulator
XC6501 TOREX-XC6501 Datasheet
497Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501 TOREX-XC6501_1 Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
logo
Unisonic Technologies
LR9203 UTC-LR9203 Datasheet
238Kb / 9P
   CAPACITOR-LESS 500mA LOW POWER CONSUMPTION HIGH SPEED LDO REGULATOR
logo
Jingjing Microelectroni...
EG6501 EGMICRO-EG6501 Datasheet
731Kb / 10P
   Low output capacity, low power consumption, high speed LDO voltage regulator
logo
ACE Technology Co., LTD...
ACE507C ACE-ACE507C Datasheet
635Kb / 9P
   200mA Low Consumption Linear Regulator
VER 1.2
logo
Leshan Radio Company
LR8064 LRC-LR8064 Datasheet
527Kb / 8P
   200mA Low Consumption Linear Regulator
LR8064 LRC-LR8064_15 Datasheet
378Kb / 8P
   200mA Low Consumption Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL8060 BELLING-BL8060 Datasheet
660Kb / 10P
   200mA Low Consumption Linear Regulator
BL8064 BELLING-BL8064_14 Datasheet
1Mb / 9P
   200mA Low Consumption Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com