Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYS-4311BX-42 Datasheet(PDF) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYS-4311BX-42
Description  0.43 Inch (10.92mm) digit height Single Digit Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYS-4311BX-42 Datasheet(HTML) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYS-4311BX-42 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-4311BX-42 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-4311BX-42 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-4311BX-42 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-4311BX-42 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Model No.
Rev.
■ All Light On Segments Feature & Pin Position
■ Internal Circuit Diagrams
Page
3/5
Http://www.foryard.com
Model No.
:FYS-4311A/BX-XX
FYS-4311A/BX-XX
A


Similar Part No. - FYS-4311BX-42

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-4311BX-4 FORYARD-FYS-4311BX-4 Datasheet
322Kb / 4P
   LED DIGIT DISPLAY
FYS-4311BX-4 FORYARD-FYS-4311BX-4 Datasheet
327Kb / 5P
   LED DIGIT DISPLAY
More results

Similar Description - FYS-4311BX-42

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DUG11A SUNLED-DUG11A Datasheet
183Kb / 4P
   10.92mm (0.43) SINGLE DIGIT NUMERIC DISPLAY
DUY11A-A SUNLED-DUY11A-A Datasheet
183Kb / 4P
   10.92mm (0.43) SINGLE DIGIT NUMERIC DISPLAY
DUG11A-A SUNLED-DUG11A-A Datasheet
184Kb / 4P
   10.92mm (0.43) SINGLE DIGIT NUMERIC DISPLAY
XDMR11C SUNLED-XDMR11C Datasheet
184Kb / 4P
   10.92mm (0.43) SINGLE DIGIT NUMERIC DISPLAY
DMR11C-A SUNLED-DMR11C-A Datasheet
185Kb / 4P
   10.92mm (0.43) SINGLE DIGIT NUMERIC DISPLAY
DUR11A SUNLED-DUR11A Datasheet
184Kb / 4P
   10.92mm (0.43) SINGLE DIGIT NUMERIC DISPLAY
DUG11C SUNLED-DUG11C Datasheet
183Kb / 4P
   10.92mm (0.43) SINGLE DIGIT NUMERIC DISPLAY
DUG11C-A SUNLED-DUG11C-A Datasheet
214Kb / 3P
   10.92mm (0.43) SINGLE DIGIT NUMERIC DISPLAY
DUY11C SUNLED-DUY11C Datasheet
182Kb / 4P
   10.92mm (0.43) SINGLE DIGIT NUMERIC DISPLAY
DUY11A SUNLED-DUY11A Datasheet
186Kb / 4P
   10.92mm (0.43) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com