Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYS-3611BX-44 Datasheet(PDF) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYS-3611BX-44
Description  0.36 Inch (9.00mm) digit height Single Digit Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYS-3611BX-44 Datasheet(HTML) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYS-3611BX-44 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-3611BX-44 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-3611BX-44 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-3611BX-44 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-3611BX-44 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Model No.
Rev.
■ -XX: REF Surface / Epoxy color
1
2
3
○ Black ○ Gray
○ Red
○ White ○ Red
○ Green
■ Mechanical Dimensions
Notes:
1. All pins are Φ0.45[.019]mm
2. Dimension in millimeter [inch], tolerance is ±0.25 [.010] and angle is ±1° unless otherwise noted.
3. Bending
≤Length*1%.
4.The specifications,characteristics and technical data described in the datasheet are subject to change without prior notice.
Page
2/5
0
Model No.
:FYS-3611A/BX-XX
○ Water Clear
FYS-3611A/BX-XX
A
Http://www.foryard.com
4
○ Green
○ Yellow
REF Surface Color
○ White
Epoxy Color
Color
Number


Similar Part No. - FYS-3611BX-44

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-3611BX-4 FORYARD-FYS-3611BX-4 Datasheet
321Kb / 4P
   LED DIGIT DISPLAY
FYS-3611BX-4 FORYARD-FYS-3611BX-4 Datasheet
327Kb / 5P
   LED DIGIT DISPLAY
More results

Similar Description - FYS-3611BX-44

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-3612AX-00 FORYARD-FYS-3612AX-00 Datasheet
392Kb / 5P
   0.36 Inch (9.10mm) digit height Single Digit Display
FYS-3612CX-00 FORYARD-FYS-3612CX-00 Datasheet
392Kb / 5P
   0.36 Inch (9.10mm) digit height Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-361E-O PARALIGHT-A-361E-O Datasheet
200Kb / 10P
   0.36 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-3618M9 CHINASEMI-CSS-3618M9 Datasheet
191Kb / 6P
   0.36 Inch Single Digit Display
CSS-3618V9 CHINASEMI-CSS-3618V9 Datasheet
184Kb / 6P
   0.36 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
C-361SR PARALIGHT-C-361SR Datasheet
193Kb / 10P
   0.36 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-3618A9 CHINASEMI-CSS-3618A9 Datasheet
188Kb / 7P
   0.36 Inch Single Digit Display
CSS-3618B7 CHINASEMI-CSS-3618B7 Datasheet
185Kb / 6P
   0.36 Inch Single Digit Display
CSS-3618S CHINASEMI-CSS-3618S Datasheet
188Kb / 6P
   0.36 Inch Single Digit Display
CSS-3618G CHINASEMI-CSS-3618G Datasheet
191Kb / 6P
   0.36 Inch Single Digit Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com