Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYS-23011GX-00 Datasheet(PDF) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYS-23011GX-00
Description  2.30 Inch (56.80mm) digit height Single Digit Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYS-23011GX-00 Datasheet(HTML) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYS-23011GX-00 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-23011GX-00 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-23011GX-00 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-23011GX-00 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-23011GX-00 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Model No.
Rev.
■ All Light On Segments Feature & Pin Position
■ Internal Circuit Diagrams
Page
3/5
FYS-23011G/HX-XX
B
Model No.
:FYS-23011G/HX-XX
Http://www.foryard.com


Similar Part No. - FYS-23011GX-00

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-23011GX-0 FORYARD-FYS-23011GX-0 Datasheet
329Kb / 4P
   LED DIGIT DISPLAY
FYS-23011GX-0 FORYARD-FYS-23011GX-0 Datasheet
267Kb / 5P
   LED DIGIT DISPLAY
More results

Similar Description - FYS-23011GX-00

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-23011IX-00 FORYARD-FYS-23011IX-00 Datasheet
391Kb / 5P
   2.30 Inch (56.80mm) digit height Single Digit Display
FYS-23011AX-00 FORYARD-FYS-23011AX-00 Datasheet
392Kb / 5P
   2.30 Inch (56.80mm) digit height Single Digit Display
FYS-23011CX-00 FORYARD-FYS-23011CX-00 Datasheet
392Kb / 5P
   2.30 Inch (56.80mm) digit height Single Digit Display
FYS-23012AX-00 FORYARD-FYS-23012AX-00 Datasheet
410Kb / 5P
   2.30 Inch (56.80mm) digit height Single Digit Display
FYS-23011AX-00 FORYARD-FYS-23011AX-00 Datasheet
389Kb / 5P
   2.30 Inch (56.80mm) digit height Single Digit Display
FYS-23011EX-00 FORYARD-FYS-23011EX-00 Datasheet
395Kb / 5P
   2.30 Inch (56.80mm) digit height Single Digit Display
logo
BRIGHT LED ELECTRONICS ...
BS-AD26RD BRIGHT-BS-AD26RD Datasheet
161Kb / 3P
   2.30(56.80MM)single DIGIT LED DISPLAY
BS-AD22RD BRIGHT-BS-AD22RD Datasheet
152Kb / 3P
   2.30(56.80MM) single DIGIT LED DISPLAY
logo
China Semiconductor Cor...
CSS-2314E CHINASEMI-CSS-2314E Datasheet
187Kb / 6P
   2.30 Inch Single Digit Display
CSS-2314T9 CHINASEMI-CSS-2314T9 Datasheet
187Kb / 7P
   2.30 Inch Single Digit Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com