Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7702 Datasheet(PDF) 8 Page - International Rectifier

Part # IRF7702
Description  Power MOSFET(Vdss=-12V)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7702 Datasheet(HTML) 8 Page - International Rectifier

  IRF7702 Datasheet HTML 1Page - International Rectifier IRF7702 Datasheet HTML 2Page - International Rectifier IRF7702 Datasheet HTML 3Page - International Rectifier IRF7702 Datasheet HTML 4Page - International Rectifier IRF7702 Datasheet HTML 5Page - International Rectifier IRF7702 Datasheet HTML 6Page - International Rectifier IRF7702 Datasheet HTML 7Page - International Rectifier IRF7702 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRF7702
8
www.irf.com
PROVISIONAL
TSSOP-8 Package Outline
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
IR EUROPEAN REGIONAL CENTRE: 439/445 Godstone Rd, Whyteleafe, Surrey CR3 OBL, UK Tel: ++ 44 (0)20 8645 8000
IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 (0) 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 011 451 0111
IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo 171 Tel: 81 (0)3 3983 0086
IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 (0)838 4630
IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673 Tel: 886-(0)2 2377 9936
Data and specifications subject to change without notice. 6/00


Similar Part No. - IRF7702

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7702 IRF-IRF7702 Datasheet
144Kb / 8P
   Ultra Low On-Resistance
IRF7702GPBF IRF-IRF7702GPBF Datasheet
233Kb / 8P
   HEXFETPower MOSFET Ultra Low On-Resistance 1.8V Rated
IRF7702GPBF IRF-IRF7702GPBF Datasheet
243Kb / 9P
   Ultra Low On-Resistance P-Channel MOSFET Very Small SOIC Package Low Profile (< 1.2mm) Available in Tape & Reel Lead-Free Halogen-Free
IRF7702PBF IRF-IRF7702PBF Datasheet
184Kb / 8P
   HEXFET Power MOSFET
IRF7702TR IRF-IRF7702TR Datasheet
144Kb / 8P
   Ultra Low On-Resistance
More results

Similar Description - IRF7702

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7754 IRF-IRF7754 Datasheet
144Kb / 9P
   Power MOSFET(Vdss=-12V)
IRF7701 IRF-IRF7701 Datasheet
147Kb / 9P
   Power MOSFET(Vdss=-12V)
IRF7476 IRF-IRF7476 Datasheet
111Kb / 8P
   Power MOSFET(Vdss=12V, Id=15A)
IRF7703 IRF-IRF7703 Datasheet
137Kb / 9P
   Power MOSFET(Vdss=-40V)
IRF7705 IRF-IRF7705 Datasheet
146Kb / 8P
   Power MOSFET(Vdss=-30V)
IRF7752 IRF-IRF7752 Datasheet
117Kb / 7P
   Power MOSFET(Vdss=30V)
IRF7755 IRF-IRF7755 Datasheet
249Kb / 8P
   Power MOSFET(Vdss=-20V)
IRF7757 IRF-IRF7757 Datasheet
132Kb / 9P
   Power MOSFET(Vdss=20V)
IRF5803 IRF-IRF5803 Datasheet
109Kb / 9P
   Power MOSFET(Vdss=-40V)
IRF5805 IRF-IRF5805 Datasheet
126Kb / 9P
   Power MOSFET(Vdss=-30V)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com