Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYS-3611BX-21 Datasheet(PDF) 5 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYS-3611BX-21
Description  0.36 Inch (9.00mm) digit height Single Digit Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYS-3611BX-21 Datasheet(HTML) 5 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYS-3611BX-21 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-3611BX-21 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-3611BX-21 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-3611BX-21 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-3611BX-21 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Model No.
Rev.
■ Packing Diagram
Note: The specifications are subject to change without notice. Please contact us for updated information.
Page
5/5
Model No.
:FYS-3611A/BX-XX
Http://www.foryard.com
FYS-3611A/BX-XX
A
FORYARD
O P T O E L E C T R O N I C S
www.foryard.com
FORYARD
O P T O E L E C T R O N I C S
LED
LED
LED
LED
PN:FYS-3611XX-XX
Qty: 19584 PCS
Date:xxxx/xx/xx
GW: 26.33KG
NW: 28.89KG
xxxxxxxxxx
RoHS
RoHS
RoHS
RoHS
ATTENTION
ATTENTION
ATTENTION
ATTENTION
Part NO: FYS-3611XX-XX
Date:xxxx/xx/xx
Q'TY: 1224 PCS
306PCS/Foam
4Foams/Bag
4Bags/Box
4Boxes/Carton
OUTSIDE LABEL
QC: QC
PASS
FORYARD
QC:
QC
PASS
xxxxxxxxxx
56.0
36
.0
31
.0
54.0
17
.0
14
.5
RoHS
RoHS
RoHS
RoHS
OUTSIDE LABEL


Similar Part No. - FYS-3611BX-21

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-3611BX-2 FORYARD-FYS-3611BX-2 Datasheet
321Kb / 4P
   LED DIGIT DISPLAY
FYS-3611BX-2 FORYARD-FYS-3611BX-2 Datasheet
327Kb / 5P
   LED DIGIT DISPLAY
More results

Similar Description - FYS-3611BX-21

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-3612AX-00 FORYARD-FYS-3612AX-00 Datasheet
392Kb / 5P
   0.36 Inch (9.10mm) digit height Single Digit Display
FYS-3612CX-00 FORYARD-FYS-3612CX-00 Datasheet
392Kb / 5P
   0.36 Inch (9.10mm) digit height Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-361E-O PARALIGHT-A-361E-O Datasheet
200Kb / 10P
   0.36 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-3618M9 CHINASEMI-CSS-3618M9 Datasheet
191Kb / 6P
   0.36 Inch Single Digit Display
CSS-3618V9 CHINASEMI-CSS-3618V9 Datasheet
184Kb / 6P
   0.36 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
C-361SR PARALIGHT-C-361SR Datasheet
193Kb / 10P
   0.36 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-3618A9 CHINASEMI-CSS-3618A9 Datasheet
188Kb / 7P
   0.36 Inch Single Digit Display
CSS-3618B7 CHINASEMI-CSS-3618B7 Datasheet
185Kb / 6P
   0.36 Inch Single Digit Display
CSS-3618S CHINASEMI-CSS-3618S Datasheet
188Kb / 6P
   0.36 Inch Single Digit Display
CSS-3618G CHINASEMI-CSS-3618G Datasheet
191Kb / 6P
   0.36 Inch Single Digit Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com