Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SMX1500SLT Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part No. SMX1500SLT
Description  SmartPro 230V 1.5kVA 900W Line-Interactive Sine Wave UPS, SNMP, Webcard, Tower, USB, Serial
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPPLITE [Tripp Lite. All Rights Reserved]
Homepage  http://www.tripplite.com/
Logo 

SMX1500SLT Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
voltage and remaining battery capacity
HID-compliant USB interface enables full integration with built-in power management and auto shutdown features of Windows and Mac OS X
Supports Tripp Lite's WatchDog software (requires optional WATCHDOGSW)
9 LEDs provide continuous status information of UPS operating parameters and site power quality
Hot-swappable batteries allow on-site battery replacement without powering off connected equipment
Optional PDUBHV10 bypass PDU enables hot-swappable UPS replacement with no disruption to connected equipment
Single-line tel/DSL and network Ethernet line surge suppression
CE/IEC 62040, GOST, SASO, RoHS-compliant, Class A
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
1500
Output kVA Capacity (kVA)
1.5
Output Watt Capacity (Watts)
900
Power Factor
0.6
Nominal Output Voltage(s)
Supported
220V; 230V; 240V
Nominal Voltage Details
230V default (voltage selection via back panel switches)
Frequency Compatibility
50 / 60 Hz
Output Voltage Regulation (Line
Mode)
-9% / + 5%
Output Voltage Regulation (Battery
Mode)
+/- 5%
Output Receptacles
(8) C13
Included Output Power Cables
Includes 2 C13 to C14 output power cables
Hot-Swap PDU options
PDUBHV10 (2U / 8 C13 outlets)
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
Pure Sine wave
INPUT
Rated input current (Maximum Load)
4.1A (220V),3.9A (230V), 3.8 (240V)
Nominal Input Voltage(s) Supported
220V AC; 230V AC; 240V AC
UPS Input Connection Type
C14 inlet
UPS Input Connection Description
IEC320-C14 input connection accepts a variety of detachable cordsets to match country or site-specific wall
receptacles
Input Phase
Single-Phase
BATTERY
2 / 5


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn