Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SMX1500SLT Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part No. SMX1500SLT
Description  SmartPro 230V 1.5kVA 900W Line-Interactive Sine Wave UPS, SNMP, Webcard, Tower, USB, Serial
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPPLITE [Tripp Lite. All Rights Reserved]
Homepage  http://www.tripplite.com/
Logo 

SMX1500SLT Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SmartPro 230V 1.5kVA 900W Line-Interactive Sine
Wave UPS, SNMP, Webcard, Tower, USB, Serial
MODEL NUMBER: SMX1500SLT
Description
Tripp Lite's SMX1500SLT intelligent, line-interactive sine wave UPS system protects servers, networking
accessories and telecommunications equipment from blackouts, voltage fluctuations and transient surges. Large
internal batteries offer 20 min. half load runtime and 8 min. full load runtime. 1500VA/900W power handling
capability and full-time sine wave output offer guaranteed compatibility with networking, telecom and other sensitive electronic applications. Includes 8
UPS-protected C13 output receptacles. Supports simultaneous remote monitoring of UPS and site power conditions via built-in network accessory card slot,
USB and DB9 serial monitoring ports. HID-compliant USB interface enables full integration with built-in power management and auto shutdown features of
Windows and Mac OS X. Optional SNMPWEBCARD accessory enables remote monitoring of UPS as a managed device via network management console
applications. Communications interfaces support messaging of UPS and line power status, plus output power control for delayed or immediate reboot of all
connected devices at once. Includes PowerAlert UPS monitoring and unattended shutdown software with management support for an unlimited number of
network UPS systems. Single-line tel/DSL and network Ethernet line surge suppression. Built-in audible alarm and 9 LEDs provide status notification for line
power, battery power, battery charge level, load level, plus AVR boost and trim operational status information. Network-grade AC surge suppression protects
equipment from damage and performance problems resulting from transient surges. Attractive, all-black tower housing.
Features
1500VA/900W power handling capability with full-time sine wave output offers guaranteed compatibility with networking, telecom and other sensitive
electronic devices
Large internal batteries offer runtimes of 20 minutes at half load (750VA/450W) and 8 minutes at full load (1500VA/900W)
Automatic voltage regulation (AVR) circuits maintain user-selectable 220V, 230V or 240V nominal output over an input voltage range of 174-266V (220V),
182-278V (230V) or 190-290V (240V)
8 C13 output receptacles
IEC320-C14 input connection accepts a variety of detachable cordsets to match country or site-specific wall receptacles
PowerAlert UPS monitoring and unattended shutdown software included
Offers simultaneous monitoring by up to 3 directly connected devices through included USB, DB9 and SNMP* interfaces (*requires optional
SNMPWEBCARD), or the monitoring of any number of additional UPS systems over IP with included PowerAlert monitoring software
Communications ports support messaging of UPS and line power status, including on-battery, low-battery, power restored, AC line voltage, DC battery
voltage and remaining battery capacity
Highlights
1.5kVA / 1500VA line interactive
tower UPS; Sine wave output
220/230/240V nominal output
during brownouts and
overvoltages
USB, RS232 and optional
SNMP/Web card interface
Front panel status LEDs with
detailed load and battery
capacity display
C14 inlet; 8 C13 outlets; 2 C13 to
C14 cables included
Package Includes
SMX1500SLT UPS System
PowerAlert Software CD-ROM
USB and serial cabling
2 IEC C13-to-C14 jumper cables
Owner's manual with warranty
information
1 / 5


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn