Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SMX1500SLT Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part No. SMX1500SLT
Description  SmartPro 230V 1.5kVA 900W Line-Interactive Sine Wave UPS, SNMP, Webcard, Tower, USB, Serial
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPPLITE [Tripp Lite. All Rights Reserved]
Homepage  http://www.tripplite.com/
Logo 

SMX1500SLT Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Full Load Runtime (min.)
8 min. (900w)
Half Load Runtime (min.)
20 min. (450w)
DC System Voltage (VDC)
36
Battery Recharge Rate (Included
Batteries)
Less than 8 hours from 10% to 90% (typical, full load discharge)
Internal UPS Replacement Battery
Cartridge
RBC36-SLT
Battery Access
Battery access door
Battery Replacement Description
Hot-swappable, user replaceable batteries
VOLTAGE REGULATION
Voltage Regulation Description
Automatic voltage regulation (AVR) maintains line power operation with an input voltage range of 182 to 278 (230v),
190 to 290 (240v), 174 to 266 (220v)
Overvoltage Correction
Voltage reduction of 12% applies when input is 244 to 278 (230v), 254 to 290 (240v), 232 to 266 (220v)
Undervoltage Correction
Voltage boost of 14% applies when input is 182 to 206 (230v), 190 to 216 (240v), 174 to 198 (220)
USER INTERFACE, ALERTS & CONTROLS
Switches
2 Switches control off/on power status and alarm-cancel/self-test operation; rear panel protected switches support
nominal voltage selection
Alarm Cancel Operation
Power-fail alarm can be silenced using alarm-cancel switch
Audible Alarm
Audible alarm indicates power failure and overload conditions
LED Indicators
9 LEDs indicate line power, battery power, AVR, overload and replace battery status - with a 3-LED level meter for
load and battery charge level
SURGE / NOISE SUPPRESSION
UPS AC Suppression Joule Rating
350
UPS AC Suppression Response
Time
Instantaneous
UPS Dataline Suppression
1 line TEL/DSL (1 in / 1 out); 10/100Base T Ethernet
EMI / RFI AC Noise Suppression
Yes
PHYSICAL
Primary Form Factor
Tower
UPS Power Module Dimensions
(hwd, in.)
10.2 x 6.8 x 13.2
UPS Power Module Dimensions
(hwd, cm)
26 x 17.1 x 33.7
UPS Power Module Weight (lbs.)
45
UPS Power Module Weight (kg)
20.4
UPS Shipping Dimensions (hwd / in.)
14 x 9.8 x 18.5
3 / 5


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn