Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

856700 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # 856700
Description  1227.6 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856700 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  856700_15 Datasheet HTML 1Page - TriQuint Semiconductor 856700_15 Datasheet HTML 2Page - TriQuint Semiconductor 856700_15 Datasheet HTML 3Page - TriQuint Semiconductor 856700_15 Datasheet HTML 4Page - TriQuint Semiconductor 856700_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Part Number 856700
1227.6 MHz SAW Filter
Data Sheet
Subject to change or obsolescence without notice
Rev B
01/10
TriQuint Semiconductor, Inc. ©
Page 3 of 5
Typical Performance (at room temperature)


Similar Part No. - 856700_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856704 TRIQUINT-856704 Datasheet
331Kb / 6P
   836.5 MHz SAW Filter
856704-EVB TRIQUINT-856704-EVB Datasheet
331Kb / 6P
   836.5 MHz SAW Filter
856704 TRIQUINT-856704_15 Datasheet
331Kb / 6P
   836.5 MHz SAW Filter
856705 TRIQUINT-856705 Datasheet
327Kb / 6P
   1880 MHz SAW Filter
856705-EVB TRIQUINT-856705-EVB Datasheet
327Kb / 6P
   1880 MHz SAW Filter
More results

Similar Description - 856700_15

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1819A TAI-SAW-TA1819A Datasheet
290Kb / 6P
   SAW Filter 1227.6 MHz
TA2028A TAI-SAW-TA2028A Datasheet
431Kb / 7P
   SAW Filter 1227.6 MHz
logo
TriQuint Semiconductor
857141 TRIQUINT-857141_15 Datasheet
356Kb / 6P
   1227.6 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1184A TAI-SAW-TA1184A Datasheet
377Kb / 6P
   SAW Filter 1227.6 MHz
logo
TriQuint Semiconductor
857142 TRIQUINT-857142_15 Datasheet
366Kb / 6P
   1227.6 MHz SAW Filter
880372 TRIQUINT-880372_15 Datasheet
168Kb / 5P
   1227.6 MHz BAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2598A TAI-SAW-TA2598A Datasheet
763Kb / 8P
   SAW Filter 1227.6 MHz BW 20 MHz SMD 2.0x1.6 mm
logo
TriQuint Semiconductor
880060 TRIQUINT-880060_15 Datasheet
235Kb / 6P
   1227.6 MHz GPS L2 BAW Filter
logo
Qorvo, Inc
880060 QORVO-880060 Datasheet
235Kb / 6P
   1227.6 MHz GPS L2 BAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com