Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

856693 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 856693
Description  140 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856693 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  856693_15 Datasheet HTML 1Page - TriQuint Semiconductor 856693_15 Datasheet HTML 2Page - TriQuint Semiconductor 856693_15 Datasheet HTML 3Page - TriQuint Semiconductor 856693_15 Datasheet HTML 4Page - TriQuint Semiconductor 856693_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Part Number 856693
140 MHz SAW Filter
Data Sheet
Subject to change or obsolescence without notice
Rev D
07-08 TriQuint Semiconductor, Inc. ©
Page 2 of 5
Electrical Specifications
(1)
Operating Temperature Range:
(2)
-40 to +85
°C
Parameter
(3)
Minimum
Typical
(5)
Maximum
Unit
Center Frequency
-
140
-
MHz
Minimum Insertion Loss
-
11
12.5
dB
Amplitude Variation
137.0 – 143.0 MHz
-
0.4
1.0
dB p-p
Phase Linearity
137.6 – 142.4 MHz
137.0 – 143.0 MHz
-
-
1.6
2.1
4
6.5
º p-p
º p-p
Average Group Delay
137.0 – 143.0 MHz
0.88
0.93
0.98
µs
Relative Attenuation
(4)
10 – 118 MHz
118 – 120 MHz
120 – 129 MHz
129 – 133 MHz
147 – 160 MHz
160 – 163 MHz
163 – 250 MHz
40
42
38
31
32
39
43
65
61
50
42
39
55
58
-
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
dB
Triple Transit Suppression
35
49
-
dB
Source Impedance (balanced)
(6)
Load Impedance (balanced)
(6)
-
-
50
50
-
-
Notes:
1.
All specifications are based on the TriQuint matching schematic shown on page 4
2.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
4.
Relative to minimum insertion loss
5.
Typical values are based on average measurements at room temperature
6.
This is the optimum impedance in order to achieve the performance shown


Similar Part No. - 856693_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856690 TRIQUINT-856690_15 Datasheet
354Kb / 5P
   756 MHz SAW Filter
856691 TRIQUINT-856691 Datasheet
867Kb / 8P
   140 MHz SAW Filter
856691-EVB TRIQUINT-856691-EVB Datasheet
867Kb / 8P
   140 MHz SAW Filter
856691 TRIQUINT-856691_15 Datasheet
867Kb / 8P
   140 MHz SAW Filter
856692 TRIQUINT-856692_15 Datasheet
394Kb / 5P
   140 MHz SAW Filter
More results

Similar Description - 856693_15

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2182D RFM-SF2182D Datasheet
1Mb / 14P
   140 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2182D MURATA-SF2182D Datasheet
1Mb / 14P
   140 MHz SAW Filter
logo
TriQuint Semiconductor
856019 TRIQUINT-856019 Datasheet
537Kb / 5P
   140 MHz SAW Filter
856064 TRIQUINT-856064 Datasheet
567Kb / 5P
   140 MHz SAW Filter
856069 TRIQUINT-856069 Datasheet
628Kb / 5P
   140 MHz SAW Filter
856074 TRIQUINT-856074 Datasheet
571Kb / 5P
   140 MHz SAW Filter
856692 TRIQUINT-856692_15 Datasheet
394Kb / 5P
   140 MHz SAW Filter
856020 TRIQUINT-856020_15 Datasheet
386Kb / 6P
   140 MHz SAW Filter
856067 TRIQUINT-856067_15 Datasheet
431Kb / 5P
   140 MHz SAW Filter
856074 TRIQUINT-856074_15 Datasheet
629Kb / 6P
   140 MHz SAW Filter
logo
RF Monolithics, Inc
SF2045A RFM-SF2045A Datasheet
216Kb / 5P
   140 MHz SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com