Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

856661 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 856661
Description  1950 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856661 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  856661_15 Datasheet HTML 1Page - TriQuint Semiconductor 856661_15 Datasheet HTML 2Page - TriQuint Semiconductor 856661_15 Datasheet HTML 3Page - TriQuint Semiconductor 856661_15 Datasheet HTML 4Page - TriQuint Semiconductor 856661_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data Sheet
Part Number 856661
1950 MHz SAW Filter
Subject to change or obsolescence without notice
Rev -
02/08
© TriQuint Semiconductor
Page 2 of 5
Electrical Specifications
(1)
Operating Temperature Range:
(2)
-20 to +85
°C
Parameter
(3)
Minimum
Typical
(4)
Maximum
Unit
Center Frequency
-
1950
-
MHz
Maximum Insertion Loss
1920 – 1980 MHz
-
2.3
3.1
dB
Passband Flatness (in any 5MHz band)
-
0.4
0.6
dB
Passband Flatness (full range)
-
0.9
1.4
dB
Absolute Attenuation
(5)
860 – 895 MHz
921 – 960 MHz
1575.4 – 1575.5 MHz
1730 – 1790 MHz
1805 – 1880 MHz
2110 – 2170 MHz
2400 – 3483.5 MHz
2620 – 2690 MHz
3840 – 3960 MHz
5760 – 5940 MHz
20
10
29
30
27
32
30
20
15
10
29
28
33
38
31
35
38
37
31
24
-
-
-
-
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
Input/Output Return Loss
1920 – 1980 MHz
10
13
-
dB
Source Impedance (single-ended)
(6)
Load Impedance (single-ended)
(6)
-
-
50
40+j20
-
-
Notes:
1. All specifications are based on the TriQuint test circuit shown below
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
4. Typical values are based on average measurements at room temperature
5. Relative to 0dB
6. This is the optimum impedance in order to achieve the performance shown
Test Circuit:
Actual matching values may vary due to PCB layout and parasitics
50
Single-ended
Input
2,3,5
1
4
50
40+j20
40+j20
Single-ended
Output


Similar Part No. - 856661_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8566 ETC2-8566 Datasheet
310Kb / 1P
   PHENOLIC INSTRUMENT CASES
logo
PHOENIX CONTACT
8566 PHOENIX-8566 Datasheet
215Kb / 13P
   AXL F DI64/1 2F
logo
TriQuint Semiconductor
856604 TRIQUINT-856604_15 Datasheet
493Kb / 7P
   2332.5 MHz SAW Filter
856606 TRIQUINT-856606_15 Datasheet
746Kb / 5P
   860.5 MHz SAW Filter
856620 TRIQUINT-856620_15 Datasheet
427Kb / 5P
   172.8 MHz SAW Filter
More results

Similar Description - 856661_15

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1981A TAI-SAW-TA1981A Datasheet
645Kb / 7P
   SAW Filter 1950 MHz
TA1815B TAI-SAW-TA1815B Datasheet
756Kb / 8P
   SAW Filter 1950 MHz
logo
RF Monolithics, Inc
SF2224E RFM-SF2224E Datasheet
940Kb / 5P
   1950 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2224E MURATA-SF2224E Datasheet
627Kb / 5P
   1950 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1590A TAI-SAW-TA1590A Datasheet
140Kb / 8P
   SAW Filter 1950 MHz
logo
TriQuint Semiconductor
856532 TRIQUINT-856532 Datasheet
417Kb / 5P
   1950 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0235A TAI-SAW-TA0235A Datasheet
702Kb / 6P
   SAW Filter 1950 MHz
logo
TriQuint Semiconductor
856678 TRIQUINT-856678_15 Datasheet
532Kb / 6P
   1950 MHz SAW Filter
855938 TRIQUINT-855938 Datasheet
488Kb / 5P
   1950 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1397A TAI-SAW-TA1397A Datasheet
248Kb / 8P
   SAW Filter 1950 MHz BW60MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com