Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7476 Datasheet(PDF) 4 Page - International Rectifier

Part # IRF7476
Description  Power MOSFET(Vdss=12V, Id=15A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7476 Datasheet(HTML) 4 Page - International Rectifier

  IRF7476 Datasheet HTML 1Page - International Rectifier IRF7476 Datasheet HTML 2Page - International Rectifier IRF7476 Datasheet HTML 3Page - International Rectifier IRF7476 Datasheet HTML 4Page - International Rectifier IRF7476 Datasheet HTML 5Page - International Rectifier IRF7476 Datasheet HTML 6Page - International Rectifier IRF7476 Datasheet HTML 7Page - International Rectifier IRF7476 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRF7476
4
www.irf.com
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 8. Maximum Safe Operating Area
0.1
1
10
100
1000
0.2
0.4
0.6
0.8
1.0
1.2
1.4

V
= 0 V
GS

T = 150
C
J
°

T = 25
C
J
°
0
5
10
15
20
25
30
0
1
2
3
4
5
6
Q , Total Gate Charge (nC)
G

I
=
D
12A

V
= 2.4V
DS
V
= 6V
DS
V
= 9.6V
DS
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
100000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs+ Cgd, CdsSHORTED
Crss = Cgd
Coss = Cds+ Cgd
Coss
Crss
Ciss
VSD, Source-to-Drain Voltage (V)
0
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
Tc = 25°C
Tj = 150°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY R DS(on)
100µsec


Similar Part No. - IRF7476

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
IRF7476 KEXIN-IRF7476 Datasheet
1Mb / 5P
   N-Channel MOSFET
logo
Guangdong Youtai Semico...
IRF7476 UMW-IRF7476 Datasheet
372Kb / 8P
   High Frequency 3.3V and 5V input Point-of-Load Synchronous Buck Converters for
logo
Guangdong Kexin Industr...
IRF7476-HF KEXIN-IRF7476-HF Datasheet
1Mb / 5P
   N-Channel MOSFET
logo
International Rectifier
IRF7476PBF IRF-IRF7476PBF Datasheet
162Kb / 8P
   HEXFET Power MOSFET ( VDSS = 12V , RDS(on) max = 8.0m廓@VGS = 4.5V , ID = 15A )
logo
Guangdong Youtai Semico...
IRF7476TR UMW-IRF7476TR Datasheet
372Kb / 8P
   High Frequency 3.3V and 5V input Point-of-Load Synchronous Buck Converters for
More results

Similar Description - IRF7476

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7476PBF IRF-IRF7476PBF Datasheet
162Kb / 8P
   HEXFET Power MOSFET ( VDSS = 12V , RDS(on) max = 8.0m廓@VGS = 4.5V , ID = 15A )
IRFP244 IRF-IRFP244 Datasheet
167Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=15A)
IRF7702 IRF-IRF7702 Datasheet
138Kb / 8P
   Power MOSFET(Vdss=-12V)
IRF7754 IRF-IRF7754 Datasheet
144Kb / 9P
   Power MOSFET(Vdss=-12V)
IRF7701 IRF-IRF7701 Datasheet
147Kb / 9P
   Power MOSFET(Vdss=-12V)
IRF7457 IRF-IRF7457 Datasheet
120Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)max=7.0mohm, Id=15A)
IRF7455 IRF-IRF7455 Datasheet
167Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=0.0071ohm,Id=15A)
IRF7457PBF IRF-IRF7457PBF Datasheet
177Kb / 8P
   HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 7.0m廓 , ID = 15A )
IRF7453 IRF-IRF7453 Datasheet
220Kb / 8P
   Power MOSFET(Vdss=250V, Id=2.2A)
IRF7413 IRF-IRF7413 Datasheet
123Kb / 8P
   Power MOSFET(Vdss=30V, Id=12A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com