Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

856592 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # 856592
Description  140 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856592 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  856592_15 Datasheet HTML 1Page - TriQuint Semiconductor 856592_15 Datasheet HTML 2Page - TriQuint Semiconductor 856592_15 Datasheet HTML 3Page - TriQuint Semiconductor 856592_15 Datasheet HTML 4Page - TriQuint Semiconductor 856592_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet
Part Number 856592
140 MHz SAW Filter
Subject to change or obsolescence without notice
Rev A
06-07 TriQuint Semiconductor, Inc.
Page 1 of 5
Features
• For multi carrier WCDMA applications
• Usable 1.0 dB bandwidth of 18.4 MHz
• Low loss
• High Attenuation
• Single-ended operation, 50
• Ceramic Surface Mount Package (SMP)
• Hermetic
• RoHS compliant (2002/95/EC), Pb-free
Package
Pin Configuration
Surface Mount 13.30 x 6.50 x 1.75 mm
Bottom View
12
11
10
9
8
7
6
5
4
3
2
1
Pin No.
Description
5
Output
11
Input
6,12
To be grounded
1,2,3,4
Case ground
7,8,9,10
Case ground
1.75 NOM.
1.96 MAX.
0.76
0.79
1.17 x 3.76
1.50
2.54
6.50
2.18
2.54
13.3
Dimensions shown are nominal in millimeters
All tolerances are
±0.15mm except overall
length and width
±0.10mm
Body: Al2O3 ceramic
Lid: Kovar, Ni plated
Terminations: Au plating 0.5 - 1.0
µm,
over a 2 - 6
µm Ni plating
Pb


Similar Part No. - 856592_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
856593--1 MACOM-856593--1 Datasheet
108Kb / 4P
   0.8mm CHAMP* Crimper Assemblies
logo
TriQuint Semiconductor
856598 TRIQUINT-856598 Datasheet
1Mb / 6P
   1220 MHz SAW Filter
856598-EVB TRIQUINT-856598-EVB Datasheet
1Mb / 6P
   1220 MHz SAW Filter
856598 TRIQUINT-856598_15 Datasheet
1Mb / 6P
   1220 MHz SAW Filter
More results

Similar Description - 856592_15

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2182D RFM-SF2182D Datasheet
1Mb / 14P
   140 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2182D MURATA-SF2182D Datasheet
1Mb / 14P
   140 MHz SAW Filter
logo
TriQuint Semiconductor
856019 TRIQUINT-856019 Datasheet
537Kb / 5P
   140 MHz SAW Filter
856064 TRIQUINT-856064 Datasheet
567Kb / 5P
   140 MHz SAW Filter
856069 TRIQUINT-856069 Datasheet
628Kb / 5P
   140 MHz SAW Filter
856074 TRIQUINT-856074 Datasheet
571Kb / 5P
   140 MHz SAW Filter
856692 TRIQUINT-856692_15 Datasheet
394Kb / 5P
   140 MHz SAW Filter
856020 TRIQUINT-856020_15 Datasheet
386Kb / 6P
   140 MHz SAW Filter
856067 TRIQUINT-856067_15 Datasheet
431Kb / 5P
   140 MHz SAW Filter
856074 TRIQUINT-856074_15 Datasheet
629Kb / 6P
   140 MHz SAW Filter
logo
RF Monolithics, Inc
SF2045A RFM-SF2045A Datasheet
216Kb / 5P
   140 MHz SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com