Electronic Components Datasheet Search |
|
SMART2200RMXLN Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved |
|
SMART2200RMXLN Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved |
2 / 5 page Internal batteries offer 12 minutes at 50% load (960W) and 4.5 minutes at 100% load (1920W) Extended runtime is available with optional BP48V24-2U (limit 1), BP48V60RT-3U (multi-pack compatible) and BP48V27-2US (multi-pack compatible); Output is reduced to 1600 watts maximum with external battery packs External battery configurations require the use of Tripp Lite's External Battery Configuration Software (see manual) Hot-swappable, user-replaceable internal batteries and external battery packs can be replaced with no disruption to connected equipment Front panel LCD monitoring screen with MODE and ENTER buttons reports operating mode with 5-bar battery charge graphic, plus 7 selectable screens of detailed UPS and site power information LCD interface also supports a number of advanced user setup and operating preferences Ships with 4 post rackmount installation hardware; Optional 2POSTRMKITWM enables 2 post rackmount/wallmount installation; Optional 2-9USTAND enables tower placement Built-in USB, RS-232 and pre-installed SNMPWEBCARD accessory HID-compliant USB interface enables integration with built-in power management and auto shutdown features of Windows and Mac OS X Included PowerAlert UPS monitoring software; Built-in Emergency Power Off (EPO) interface with cable Specifications OUTPUT Output Capacity Details Output derates to 1600 watts in all external battery pack configurations Output Volt Amp Capacity (VA) 2200 Output kVA Capacity (kVA) 2.2 Output Watt Capacity (Watts) 1920 Output kW Capacity (kW) 1.92 Nominal Output Voltage(s) Supported 120V Frequency Compatibility 60 Hz Output Voltage Regulation (Line Mode) -14%, +6% Output Voltage Regulation (Battery Mode) +/- 5% Output Receptacles (4) 5-15R; (4) 5-15/20R Load Management Receptacles Two switched single outlet load banks (1 5-15/20R & 1 5-15R) Output AC Waveform (AC Mode) Pure Sine wave Output AC Waveform (Battery Mode) Pure Sine wave INPUT Rated input current (Maximum Load) 16.0A Nominal Input Voltage(s) Supported 120V AC UPS Input Connection Type 5-20P UPS Input Cord Length (ft.) 10 2 / 5 |
Similar Part No. - SMART2200RMXLN |
|
Similar Description - SMART2200RMXLN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |