Electronic Components Datasheet Search |
|
SMART2200RMXL2U Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved |
|
SMART2200RMXL2U Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved |
3 / 5 page Input Phase Single-Phase BATTERY Full Load Runtime (min.) 4.5 min. (1920w) Half Load Runtime (min.) 12 min. (960w) Expandable Battery Runtime Extended runtime supported via optional external battery packs External Battery Pack Compatibility BP48V24-2U (limit 1); BP48V60RT-3U (multi-pack compatible); BP48V27-2US (multi-pack compatible) Expandable Runtime Description Maximum output capacity is 1600 watts when used with external battery packs DC System Voltage (VDC) 48 Battery Recharge Rate (Included Batteries) Less than 4.5 hours from 10% to 90% (typical, full load discharge) Internal UPS Replacement Battery Cartridge RBC94-2U Battery Access Front panel battery access door Battery Replacement Description Hot-swappable, user replaceable batteries VOLTAGE REGULATION Voltage Regulation Description Automatic voltage regulation (AVR) maintains line power operation with an input voltage range of 83 to 145 Overvoltage Correction Voltage reduction of 12% applies when input is between 127 and 145 Undervoltage Correction Voltage boost of 12% applies when input voltage is between 96 and 108 Severe Undervoltage Correction Voltage boost of 24% applies when input voltage is between 83 and 95 USER INTERFACE, ALERTS & CONTROLS Front Panel LCD Display Front panel LCD information and configuration screen offers detailed UPS and site power status and operating data, plus configuration of voltage, operating mode, alarm function and a variety of additional options (see manual for detailed LCD configuration and monitoring options) Switches 3 pushbutton switches control OFF / ON power status, MODE selection and MUTE / ENTER control functions Alarm Cancel Operation Power-fail alarm can be temporarily silenced using alarm-cancel switch; silent mode alarm configuration option available Audible Alarm Audible alarm indicates UPS startup, power-failure, low-battery, overload, UPS fault and remote shutdown conditions SURGE / NOISE SUPPRESSION UPS AC Suppression Joule Rating 570 UPS AC Suppression Response Time Instantaneous EMI / RFI AC Noise Suppression Yes PHYSICAL Included Mounting Accessory Description 4 post rackmount installation accessories included 3 / 5 |
Similar Part No. - SMART2200RMXL2U_15 |
|
Similar Description - SMART2200RMXL2U_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |