Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJF0613JSP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RJF0613JSP
Description  60 V - 10 A - N Channel MOS FET Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJF0613JSP Datasheet(HTML) 4 Page - Renesas Technology Corp

  RJF0613JSP_15 Datasheet HTML 1Page - Renesas Technology Corp RJF0613JSP_15 Datasheet HTML 2Page - Renesas Technology Corp RJF0613JSP_15 Datasheet HTML 3Page - Renesas Technology Corp RJF0613JSP_15 Datasheet HTML 4Page - Renesas Technology Corp RJF0613JSP_15 Datasheet HTML 5Page - Renesas Technology Corp RJF0613JSP_15 Datasheet HTML 6Page - Renesas Technology Corp RJF0613JSP_15 Datasheet HTML 7Page - Renesas Technology Corp RJF0613JSP_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RJF0613JSP
Target Specifications
R07DS0874EJ0100 Rev.1.00
Page 4 of 7
Aug 29, 2012
55
50
–50 –25
0
25
75 100
50
150
125
10
20
25
40
15
30
35
45
10 V
VGS = 4 V
ID = 5 A
1 A
2.5 A
100
10
1
0.1
0.1
1
100
10
Tc = –40°C
25°C
150°C
0.1
1
10
100
1000
10
100
1
di / dt = 50 A /
μs
VGS = 0, Ta = 25°C
010
20
30
40
60
50
10000
3000
1000
300
100
30
10
0
0
4
6
8
2
10
0.2
0.4
0.6
0.8
1.0
VGS = 5 V
100
10
1
1
10
100
0.1
tf
tr
td(off)
td(on)
0 V
VGS = 10 V, VDD = 30 V
PW = 300
μs, duty ≤ 1 %
Coss
VGS = 0
f = 1 MHz
ID = 5 A
1 A
2.5 A
Case Temperature
Tc (°C)
Static Drain to Source on State Resistance
vs. Temperature
Pulse Test
Forward Transfer Admittance vs.
Drain Current
Drain Current ID (A)
VDS = 10 V
Pulse Test
Reverse Drain Current
IDR (A)
Body-Drain Diode Reverse
Recovery Time
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
Source to Drain Voltage VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage
Drain Current
ID (A)
Switching Characteristics
Pulse Test


Similar Part No. - RJF0613JSP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0613JSP-00-J0 RENESAS-RJF0613JSP-00-J0 Datasheet
152Kb / 8P
   60 V - 10 A - N Channel MOS FET Power Switching
More results

Similar Description - RJF0613JSP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0613JSP RENESAS-RJF0613JSP Datasheet
152Kb / 8P
   60 V - 10 A - N Channel MOS FET Power Switching
RJF0608JSP RENESAS-RJF0608JSP_15 Datasheet
146Kb / 8P
   60 V - 5 A - N Channel MOS FET Power Switching
RJF0624JSP RENESAS-RJF0624JSP Datasheet
225Kb / 7P
   60 V 3 A N Channel MOS FET Power Switching
Sep. 27, 2022
RJF0608JSP RENESAS-RJF0608JSP Datasheet
146Kb / 8P
   60 V - 5 A - N Channel MOS FET Power Switching
NP60N06VLK RENESAS-NP60N06VLK Datasheet
552Kb / 9P
   60 V ??60 A ??N-channel Power MOS FET
NP60N06VDK RENESAS-NP60N06VDK Datasheet
545Kb / 9P
   60 V ??60 A ??N-channel Power MOS FET
NP60N06MLK RENESAS-NP60N06MLK Datasheet
545Kb / 9P
   60 V ??60 A ??N-channel Power MOS FET
NP60N06PLK RENESAS-NP60N06PLK Datasheet
544Kb / 9P
   60 V ??60 A ??N-channel Power MOS FET
NP89N06PDK RENESAS-NP89N06PDK Datasheet
548Kb / 9P
   60 V ??90 A ??N-channel Power MOS FET
RJK0628JPE RENESAS-RJK0628JPE_15 Datasheet
105Kb / 7P
   60 V - 160 A - N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com