Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP110N04PDG Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # NP110N04PDG
Description  SWITCHING N-CHANNEL POWER MOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP110N04PDG Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button NP110N04PDG_15 Datasheet HTML 2Page - Renesas Technology Corp NP110N04PDG_15 Datasheet HTML 3Page - Renesas Technology Corp NP110N04PDG_15 Datasheet HTML 4Page - Renesas Technology Corp NP110N04PDG_15 Datasheet HTML 5Page - Renesas Technology Corp NP110N04PDG_15 Datasheet HTML 6Page - Renesas Technology Corp NP110N04PDG_15 Datasheet HTML 7Page - Renesas Technology Corp NP110N04PDG_15 Datasheet HTML 8Page - Renesas Technology Corp NP110N04PDG_15 Datasheet HTML 9Page - Renesas Technology Corp NP110N04PDG_15 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Data Sheet D17561EJ2V0DS
5
NP110N04PDG
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE
0
0.5
1
1.5
2
2.5
3
3.5
4
-100
-50
0
50
100
150
200
VGS = 4.5 V
ID = 55 A
Pulsed
10 V
Tch - Channel Temperature - °C
100
1000
10000
100000
0.1
1
10
100
VGS = 0 V
f = 1 MHz
Ciss
Crss
Coss
VDS - Drain to Source Voltage - V
SWITCHING CHARACTERISTICS
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
1
10
100
1000
10000
0.1
1
10
100
1000
VDD = 20 V
VGS = 10 V
RG = 0
Ω
td(off)
td(on)
tr
tf
ID - Drain Current - A
0
10
20
30
40
50
0
50
100
150
200
250
0
2
4
6
8
10
ID = 110 A
VDS
VGS
VDD = 32 V
20 V
8 V
QG - Gate Charge - nC
SOURCE TO DRAIN DIODE FORWARD VOLTAGE
REVERSE RECOVERY TIME vs.
DIODE FORWARD CURRENT
0.1
1
10
100
1000
00.5
11.5
0 V
Pulsed
VGS = 10 V
VF(S-D) - Source to Drain Voltage - V
1
10
100
0.1
1
10
100
1000
di/dt = 100 A/
μs
VGS = 0 V
IF - Diode Forward Current - A


Similar Part No. - NP110N04PDG_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP110N04PDG-E1-AY RENESAS-NP110N04PDG-E1-AY Datasheet
251Kb / 10P
   Old Company Name in Catalogs and Other Documents
More results

Similar Description - NP110N04PDG_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SK4078 NEC-2SK4078 Datasheet
184Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK4092 NEC-2SK4092 Datasheet
198Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3116 NEC-2SK3116 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
2SK3943 RENESAS-2SK3943_15 Datasheet
265Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP80N04MLG RENESAS-NP80N04MLG_15 Datasheet
356Kb / 12P
   SWITCHING N-CHANNEL POWER MOS FET
NP82N06PLG RENESAS-NP82N06PLG_15 Datasheet
313Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N06VLG RENESAS-NP90N06VLG_15 Datasheet
337Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP60N055KUG RENESAS-NP60N055KUG_15 Datasheet
269Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N04PUF RENESAS-NP90N04PUF_15 Datasheet
274Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3793 RENESAS-2SK3793_15 Datasheet
306Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3811 RENESAS-2SK3811_15 Datasheet
274Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com