Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

856398 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 856398
Description  1575.42 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856398 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  856398_15 Datasheet HTML 1Page - TriQuint Semiconductor 856398_15 Datasheet HTML 2Page - TriQuint Semiconductor 856398_15 Datasheet HTML 3Page - TriQuint Semiconductor 856398_15 Datasheet HTML 4Page - TriQuint Semiconductor 856398_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Preliminary Data Sheet
Part Number 856398
1575.42 MHz SAW Filter
Electrical Specifications (1)
Operating Temperature Range: (2)
-30 to +85 oC
Parameter (3)
Minimum
Typical
Maximum
Unit
Center Frequency
-
1575.42
-
MHz
Insertion Loss
1574.22 - 1576.62 MHz
-
0.7
0.95
dB
Amplitude Variation
1574.22 - 1576.62 MHz
-
0.3
0.8
dB p-p
Absolute Attenuation
DC - 1500 MHz
1700 - 3000 MHz
3000 - 4000 MHz
4000 - 6000 MHz
20
23
20
15
23
27
25
18
-
-
-
-
dB
dB
dB
dB
Input/Output Return Loss
1574.22 - 1576.62 MHz
10
20
-
dB
Source Impedance (4)
-
50
-
Load Impedance (4)
-
50
-
Notes:
1.
All specifications are based on the test circuit shown below
2.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
4.
This is the optimum impedance in order to achieve the performance shown
Test Circuit:
50
Single-ended
1,3,5,6
2
4
50
50
No impedance matching
required
Subject to change or obsolescence without notice
Rev A
09-Sep-2005
Page 2 of 5


Similar Part No. - 856398_15

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8563 PHOENIX-8563 Datasheet
322Kb / 23P
   AXL E S3 DI8 DO4 2A M12 6P
logo
TriQuint Semiconductor
856302 TRIQUINT-856302 Datasheet
480Kb / 5P
   881.5 MHz SAW Filter
logo
TE Connectivity Ltd
856313-9 TEC-856313-9 Datasheet
4Mb / 4P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
logo
TriQuint Semiconductor
856314 TRIQUINT-856314 Datasheet
614Kb / 5P
   140 MHz SAW Filter
856314 TRIQUINT-856314 Datasheet
655Kb / 6P
   140 MHz SAW Filter
More results

Similar Description - 856398_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
857140 TRIQUINT-857140_15 Datasheet
360Kb / 6P
   1575.42 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1185A TAI-SAW-TA1185A Datasheet
365Kb / 6P
   SAW Filter 1575.42 MHz
logo
RF Monolithics, Inc
SF1186B-3 RFM-SF1186B-3 Datasheet
573Kb / 5P
   1575.42 MHz SAW Filter
SF1186K-2 RFM-SF1186K-2 Datasheet
472Kb / 5P
   1575.42 MHz SAW Filter
logo
TriQuint Semiconductor
856217 TRIQUINT-856217 Datasheet
490Kb / 5P
   1575.42 MHz SAW Filter
855969 TRIQUINT-855969_15 Datasheet
540Kb / 5P
   1575.42 MHz SAW Filter
856793 TRIQUINT-856793_15 Datasheet
318Kb / 5P
   1575.42 MHz SAW Filter
856039 TRIQUINT-856039_15 Datasheet
350Kb / 5P
   1575.42 MHz SAW Filter
856326 TRIQUINT-856326 Datasheet
443Kb / 5P
   1575.42 MHz SAW Filter
logo
EPCOS
B9415 EPCOS-B9415 Datasheet
90Kb / 8P
   SAW filter 1575.42 MHz
logo
TriQuint Semiconductor
856756 TRIQUINT-856756 Datasheet
383Kb / 5P
   1575.42 MHz SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com