Electronic Components Datasheet Search |
|
SMART1500RM2U Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved |
|
SMART1500RM2U Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved |
3 / 5 page BATTERY Full Load Runtime (min.) 4.5 min. (1350w) Half Load Runtime (min.) 13 min. (675w) DC System Voltage (VDC) 36 Battery Recharge Rate (Included Batteries) Less than 4.5 hours from 10% to 90% (typical, full load discharge) Internal UPS Replacement Battery Cartridge RBC93-2U Battery Access Front panel battery access door Battery Replacement Description Hot-swappable, user replaceable batteries VOLTAGE REGULATION Voltage Regulation Description Automatic voltage regulation (AVR) maintains line power operation with an input voltage range of 83 to 147 Overvoltage Correction Input voltages between 128 and 147 are reduced by 12% Undervoltage Correction Input voltages between 83 and 107 are boosted by 14% USER INTERFACE, ALERTS & CONTROLS Front Panel LCD Display Front panel LCD information and configuration screen offers detailed UPS and site power status and operating data, plus configuration of voltage, operating mode, alarm function and a variety of additional options (see manual for detailed LCD configuration and monitoring options) Switches 3 pushbutton switches control OFF / ON power status, MODE selection and MUTE / ENTER control functions Alarm Cancel Operation Power-fail alarm can be temporarily silenced using alarm-cancel switch; silent mode alarm configuration option available Audible Alarm Audible alarm indicates UPS startup, power-failure, low-battery, overload, UPS fault and remote shutdown conditions SURGE / NOISE SUPPRESSION UPS AC Suppression Joule Rating 570 UPS AC Suppression Response Time Instantaneous EMI / RFI AC Noise Suppression Yes PHYSICAL Included Mounting Accessory Description 4 post rackmount installation accessories included Installation Form Factors Supported with Optional Accessories 2 post rackmount (2POSTRMKITWM); Wallmount (2POSTRMKITWM); Tower (2-9USTAND) Primary Form Factor Rackmount UPS Power Module Dimensions (hwd, in.) 3.5 x 17.5 x 13.45 3 / 5 |
Similar Part No. - SMART1500RM2U_15 |
|
Similar Description - SMART1500RM2U_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |