Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1LP0408D Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R1LP0408D
Description  4Mb Advanced LPSRAM (512-kword8-bit)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1LP0408D Datasheet(HTML) 4 Page - Renesas Technology Corp

  R1LP0408D_15 Datasheet HTML 1Page - Renesas Technology Corp R1LP0408D_15 Datasheet HTML 2Page - Renesas Technology Corp R1LP0408D_15 Datasheet HTML 3Page - Renesas Technology Corp R1LP0408D_15 Datasheet HTML 4Page - Renesas Technology Corp R1LP0408D_15 Datasheet HTML 5Page - Renesas Technology Corp R1LP0408D_15 Datasheet HTML 6Page - Renesas Technology Corp R1LP0408D_15 Datasheet HTML 7Page - Renesas Technology Corp R1LP0408D_15 Datasheet HTML 8Page - Renesas Technology Corp R1LP0408D_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
R1LP0408D Series
R10DS0104EJ0200 Rev.2.00
Page 4 of 11
2012.5.30
Operation Table
WE#
CS#
OE#
Mode
Vcc current
I/O0 to I/O7
Ref. cycle
×
H
×
Not selected
ISB, ISB1
High-Z
H
L
H
Output disable
Icc
High-Z
H
L
L
Read
Icc
Dout
Read cycle
L
L
H
Write
Icc
Din
Write cycle (1)
L
L
L
Write
Icc
Din
Write cycle (2)
Note 1. H: VIH L:VIL
×: VIH or VIL
Absolute Maximum Ratings
Parameter
Symbol
Value
unit
Power supply voltage relative to Vss
Vcc
-0.5 to +7.0
V
Terminal voltage on any pin relative to Vss
VT
-0.5
*1 to Vcc+0.3*2
V
Power dissipation
PT
0.7
W
R Ver.
0 to +70
Operation temperature
Topr
*3
I Ver.
-40 to +85
°C
Storage temperature range
Tstg
-65 to 150
°C
R Ver.
0 to +70
Storage temperature range under bias
Tbias
*3
I Ver.
-40 to +85
°C
Note
1. -3.0V for pulse ≤ 30ns (full width at half maximum)
2. Maximum voltage is +7.0V.
3. Ambient temperature range depends on R/I-version. Please see table on page 1.


Similar Part No. - R1LP0408D_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LP0408D RENESAS-R1LP0408D_17 Datasheet
380Kb / 13P
   4Mb Advanced LPSRAM
More results

Similar Description - R1LP0408D_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RMLV0408E RENESAS-RMLV0408E_16 Datasheet
464Kb / 12P
   4Mb Advanced LPSRAM (512-kword 횞 8-bit)
RMLV0408E RENESAS-RMLV0408E_15 Datasheet
350Kb / 12P
   4Mb Advanced LPSRAM (512-kword 횞 8-bit)
R1LP0408D RENESAS-R1LP0408D Datasheet
292Kb / 13P
   4Mb Advanced LPSRAM (512-kword × 8-bit)
2012.5.30
RMLV0416E RENESAS-RMLV0416E_15 Datasheet
368Kb / 15P
   4Mb Advanced LPSRAM (256-kword 횞 16-bit)
RMLV0414E RENESAS-RMLV0414E_15 Datasheet
360Kb / 14P
   4Mb Advanced LPSRAM (256-kword 횞 16-bit)
RMLV0414E RENESAS-RMLV0414E_16 Datasheet
468Kb / 14P
   4Mb Advanced LPSRAM (256-kword 횞 16-bit)
RMLV0416E RENESAS-RMLV0416E_16 Datasheet
475Kb / 15P
   4Mb Advanced LPSRAM (256-kword 횞 16-bit)
RMLV0414E RENESAS-RMLV0414E Datasheet
294Kb / 12P
   4Mb Advanced LPSRAM
RMLV0416E RENESAS-RMLV0416E Datasheet
312Kb / 15P
   4Mb Advanced LPSRAM
R10DS0216EJ0100 RENESAS-R10DS0216EJ0100 Datasheet
360Kb / 14P
   4Mb Advanced LPSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com