Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP180N04TUG-E1-AYNote Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # NP180N04TUG-E1-AYNote
Description  SWITCHING N-CHANNEL POWER MOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP180N04TUG-E1-AYNote Datasheet(HTML) 3 Page - Renesas Technology Corp

  NP180N04TUG-E1-AYNote Datasheet HTML 1Page - Renesas Technology Corp NP180N04TUG-E1-AYNote Datasheet HTML 2Page - Renesas Technology Corp NP180N04TUG-E1-AYNote Datasheet HTML 3Page - Renesas Technology Corp NP180N04TUG-E1-AYNote Datasheet HTML 4Page - Renesas Technology Corp NP180N04TUG-E1-AYNote Datasheet HTML 5Page - Renesas Technology Corp NP180N04TUG-E1-AYNote Datasheet HTML 6Page - Renesas Technology Corp NP180N04TUG-E1-AYNote Datasheet HTML 7Page - Renesas Technology Corp NP180N04TUG-E1-AYNote Datasheet HTML 8Page - Renesas Technology Corp NP180N04TUG-E1-AYNote Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
MOS FIELD EFFECT TRANSISTOR
NP180N04TUG
SWITCHING
N-CHANNEL POWER MOS FET
DATA SHEET
Document No. D18896EJ1V0DS00 (1st edition)
Date Published September 2007 NS
Printed in Japan
2007
DESCRIPTION
The NP180N04TUG is N-channel MOS Field Effect Transistor designed for high current switching applications.
ORDERING INFORMATION
PART NUMBER
LEAD PLATING
PACKING
PACKAGE
NP180N04TUG-E1-AY
Note
NP180N04TUG-E2-AY
Note
Pure Sn (Tin)
Tape
800 p/reel
TO-263-7pin (MP-25ZT)
typ. 1.5 g
Note Pb-free (This product does not contain Pb in the external electrode).
FEATURES
• Super low on-state resistance
RDS(on) = 1.2 m
Ω TYP. / 1.5 mΩ MAX. (VGS = 10 V, ID = 90 A)
• High Current Rating
ID(DC) =
±180 A
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
40
V
Gate to Source Voltage (VDS = 0 V)
VGSS
±20
V
Drain Current (DC) (TC = 25
°C)
ID(DC)
±180
A
Drain Current (pulse)
Note1
ID(pulse)
±720
A
Total Power Dissipation (TC = 25
°C)
PT1
288
W
Total Power Dissipation (TA = 25
°C)
PT2
1.8
W
Channel Temperature
Tch
175
°C
Storage Temperature
Tstg
−55 to +175
°C
Single Avalanche Energy
Note2
EAS
518
mJ
Repetitive Avalanche Current
Note3
IAR
72
A
Repetitive Avalanche Energy
Note3
EAR
518
mJ
Notes 1. PW
≤ 10
μs, Duty Cycle ≤ 1%
2. Starting Tch = 25
°C, VDD = 20 V, RG = 25 Ω, VGS = 20 → 0 V, L = 100 μH
3. RG = 25
Ω, Tch(peak) ≤ 150°C
THERMAL RESISTANCE
Channel to Case Thermal Resistance
Rth(ch-C)
0.52
°C/W
Channel to Ambient Thermal Resistance
Rth(ch-A)
83.3
°C/W
(TO-263-7pin)


Similar Part No. - NP180N04TUG-E1-AYNote

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP180N04TUG RENESAS-NP180N04TUG Datasheet
5Mb / 6P
   Product Scout Automotive
More results

Similar Description - NP180N04TUG-E1-AYNote

ManufacturerPart #DatasheetDescription
logo
NEC
2SK4078 NEC-2SK4078 Datasheet
184Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK4092 NEC-2SK4092 Datasheet
198Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3116 NEC-2SK3116 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
2SK3943 RENESAS-2SK3943_15 Datasheet
265Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP80N04MLG RENESAS-NP80N04MLG_15 Datasheet
356Kb / 12P
   SWITCHING N-CHANNEL POWER MOS FET
NP82N06PLG RENESAS-NP82N06PLG_15 Datasheet
313Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N06VLG RENESAS-NP90N06VLG_15 Datasheet
337Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP60N055KUG RENESAS-NP60N055KUG_15 Datasheet
269Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N04PUF RENESAS-NP90N04PUF_15 Datasheet
274Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3793 RENESAS-2SK3793_15 Datasheet
306Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3811 RENESAS-2SK3811_15 Datasheet
274Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com