Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOD-523 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # SOD-523
Description  Packaging Information / Reference Pattern Layout Dimensions
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

SOD-523 Datasheet(HTML) 1 Page - Torex Semiconductor

  SOD-523 Datasheet HTML 1Page - Torex Semiconductor SOD-523 Datasheet HTML 2Page - Torex Semiconductor SOD-523 Datasheet HTML 3Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
●SOD-523
Packaging Information
Reference Pattern Layout Dimension
Unit: mm
0.75-0.85
0.25-0.35
SOD-523
0.08-0.15
Unit: mm
Cathode Bar
はんだ厚: 1 2 0 μ m ( 参考)
0.6
1.7
Packaging Information / Reference Pattern Layout Dimensions
Thickness of solder paste:120 μm(reference)


Similar Part No. - SOD-523

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SOD-523 DIODES-SOD-523 Datasheet
174Kb / 12P
   SUGGESTED PAD LAYOUT
AP02001 Rev. 38
logo
Shenzhen Luguang Electr...
SOD-523 LUGUANG-SOD-523 Datasheet
216Kb / 4P
   Single Line TVS Diode For ESD Protection Portable Electronics
SOD-523 LUGUANG-SOD-523 Datasheet
386Kb / 2P
   High Speed Switching Diode
SOD-523 LUGUANG-SOD-523 Datasheet
391Kb / 2P
   High Speed Switching Diode
SOD-523 LUGUANG-SOD-523 Datasheet
304Kb / 2P
   Schottky Barrier Diode
More results

Similar Description - SOD-523

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
SOP-8 TOREX-SOP-8 Datasheet
313Kb / 4P
   Packaging Information / Reference Pattern Layout Dimensions
USP-2B02 TOREX-USP-2B02 Datasheet
240Kb / 3P
   Packaging Information / Reference Pattern Layout Dimensions
USPN-4B02 TOREX-USPN-4B02 Datasheet
219Kb / 4P
   Packaging Information / Reference Pattern Layout Dimensions
LGA-4B01 TOREX-LGA-4B01 Datasheet
309Kb / 4P
   Packaging Information / Reference Pattern Layout Dimensions
SMA TOREX-SMA Datasheet
223Kb / 3P
   Packaging Information / Reference Pattern Layout Dimensions
SOD-323A TOREX-SOD-323A Datasheet
262Kb / 3P
   Packaging Information / Reference Pattern Layout Dimensions
SOD-923 TOREX-SOD-923 Datasheet
178Kb / 2P
   Packaging Information / Reference Pattern Layout Dimensions
SOT-563 TOREX-SOT-563 Datasheet
171Kb / 2P
   Packaging Information / Reference Pattern Layout Dimensions
USP-3 TOREX-USP-3 Datasheet
206Kb / 4P
   Packaging Information / Reference Pattern Layout Dimensions
USP-4D TOREX-USP-4D Datasheet
300Kb / 4P
   Packaging Information / Reference Pattern Layout Dimensions
LGA-6A01 TOREX-LGA-6A01 Datasheet
192Kb / 3P
   Packaging Information / Reference Pattern Layout Dimensions
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com