Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD16337GF-3BA Datasheet(PDF) 7 Page - NEC

Part # UPD16337GF-3BA
Description  64-BIT AC-PDP DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16337GF-3BA Datasheet(HTML) 7 Page - NEC

Back Button UPD16337GF-3BA Datasheet HTML 3Page - NEC UPD16337GF-3BA Datasheet HTML 4Page - NEC UPD16337GF-3BA Datasheet HTML 5Page - NEC UPD16337GF-3BA Datasheet HTML 6Page - NEC UPD16337GF-3BA Datasheet HTML 7Page - NEC UPD16337GF-3BA Datasheet HTML 8Page - NEC UPD16337GF-3BA Datasheet HTML 9Page - NEC UPD16337GF-3BA Datasheet HTML 10Page - NEC UPD16337GF-3BA Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
µPD16337
7
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, VSS1 = VSS2 = 0 V)
Parameter
Symbol
Ratings
Unit
Logic Block Supply Voltage
VDD1
–0.5 to +7.0
V
Driver Block Supply Voltage
VDD2
–0.5 to +150
V
Logic Block Input Voltage
VI
–0.5 to VDD1 + 0.5
V
Driver Block Output Current
IO2
40
mA
Input Current
II
±25
mA
Power Dissipation
PD
1300Note
mW
Operating Ambient Temperature
TA
–40 to +85
°C
Storage Temperature
Tstg
–65 to +150
°C
Note Derate at –13 mW/
°C at TA = 25°C or higher
RECOMMENDED OPERATING CONDITIONS (TA = –40 to +85
°C, VSS1 = VSS2 = 0 V)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Logic Block Supply Voltage
VDD1
4.5
5.0
5.5
V
Driver Block Supply Voltage
VDD2
30
130
V
High-Level Input Voltage
VIH
0.7 VDD1
VDD1
V
Low-Level Input Voltage
VIL
0
0.2 VDD1
V
Driver Output Current
IOH2
–30
mA
IOL2
+30
mA
ELECTRICAL SPECIFICATIONS (TA = 25
°C, VDD1 = 5.0 V, VDD2 = 130 V, VSS1 = VSS2 = 0 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
High-Level Output Voltage
VOH1
Logic, IOH1 = –1.0 mA
0.9 VDD1
VDD1
V
Low-Level Output Voltage
VOL1
Logic, IOL1 = 1.0 mA
0
0.1 VDD1
V
High-Level Output Voltage
VOH21
O1 to O64, IOH2 = –10 mA
123
V
VOH22
O1 to O64, IOH2 = –30 mA
110
V
Low-Level Output Voltage
VOL21
O1 to O64, IOL2 = 10 mA
5.0
V
VOL22
O1 to O64, IOL2 = 30 mA
15
V
Input Leakage Current
IIL
V1 = VDD1 or VSS1
±1.0
µA
High-Level Input Voltage
VIH
0.7 VDD1
V
Low-Level Input Voltage
VIL
0.2 VDD1
V
Static Current Dissipation
IDD1
Logic, TA = –40 to +85
°C
100
µA
IDD1
Logic, TA = 25
°C10
µA
IDD2
Driver, TA = –40 to +85
°C
1000
µA
IDD2
Driver, TA = 25
°C
100
µA


Similar Part No. - UPD16337GF-3BA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16331 RENESAS-UPD16331 Datasheet
247Kb / 18P
   MOS INTEGRATED CIRCUIT
1996
UPD16331GF-3B9 RENESAS-UPD16331GF-3B9 Datasheet
247Kb / 18P
   MOS INTEGRATED CIRCUIT
1996
logo
NEC
UPD16334 NEC-UPD16334 Datasheet
97Kb / 12P
   96-Bit AC-PDP DRIVER
logo
Renesas Technology Corp
UPD16334 RENESAS-UPD16334 Datasheet
301Kb / 14P
   MOS INTEGRATED CIRCUIT
1997
logo
NEC
UPD16335 NEC-UPD16335 Datasheet
70Kb / 12P
   96-Bit AC-PDP DRIVER
More results

Similar Description - UPD16337GF-3BA

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16344 NEC-UPD16344 Datasheet
96Kb / 16P
   64-BIT AC-PDP DRIVER
logo
Integral Corp.
IND16337 INTEGRAL-IND16337 Datasheet
324Kb / 9P
   64-BIT AC-PDP DRIVER
logo
NEC
UPD16340 NEC-UPD16340 Datasheet
97Kb / 16P
   96-BIT AC-PDP DRIVER
logo
Renesas Technology Corp
PD16334 RENESAS-PD16334_15 Datasheet
302Kb / 14P
   96-Bit AC-PDP DRIVER
logo
Integral Corp.
IND16305 INTEGRAL-IND16305 Datasheet
342Kb / 7P
   40-BIT AC-PDP DRIVER
logo
Renesas Technology Corp
PD16335 RENESAS-PD16335_15 Datasheet
201Kb / 14P
   96-Bit AC-PDP DRIVER
logo
NEC
UPD16342 NEC-UPD16342 Datasheet
142Kb / 15P
   96-BIT AC-PDP DRIVER
UPD16334 NEC-UPD16334 Datasheet
97Kb / 12P
   96-Bit AC-PDP DRIVER
UPD16335 NEC-UPD16335 Datasheet
70Kb / 12P
   96-Bit AC-PDP DRIVER
UPD16341 NEC-UPD16341 Datasheet
125Kb / 9P
   96-BIT AC-PDP DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com