Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

856288 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # 856288
Description  465 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856288 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  856288_15 Datasheet HTML 1Page - TriQuint Semiconductor 856288_15 Datasheet HTML 2Page - TriQuint Semiconductor 856288_15 Datasheet HTML 3Page - TriQuint Semiconductor 856288_15 Datasheet HTML 4Page - TriQuint Semiconductor 856288_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Preliminary Data Sheet
Part Number 856288
465 MHz SAW Filter
Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Unit
Operating Temperature Range
T
-40
+85
oC
Storage Temperature Range
Tstg
-40
+85
oC
Important Notes
Warnings
• Electrostatic Sensitive Device (ESD)
• Avoid ultrasonic exposure
RoHS Compliance
• This product complies with EU directive 2002/95/EC (RoHS)
Solderability
• Compatible with JEDEC J-STD-020C Pb-free process, 260°C peak reflow temperature (see soldering profile)
Links to Additional Technical Information
PCB Layout Tips
Qualification Flowchart
Soldering Profile
S-Parameters
RoHS information
Other Technical Information
Sawtek’s liability is limited only to the Surface Acoustic Wave (SAW) component(s) described in this data sheet. Sawtek does not accept any liability for
applications, processes, circuits or assemblies, which are implemented using any Sawtek component described in this data sheet.
Contact Information
PO Box 609501
Orlando, FL 32860-9501
USA
Phone: +1 (407) 886-8860
Fax: +1 (407) 886-7061
Email: custservice@sawtek.com
Web: www.sawtek.com
Or contact one of our worldwide
Network of sales offices,
representatives or distributors
Pb
Subject to change or obsolescence without notice
Rev B
22-Sep-2005
Page 5 of 5


Similar Part No. - 856288_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856288 TRIQUINT-856288 Datasheet
558Kb / 5P
   465 MHz SAW Filter
More results

Similar Description - 856288_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856288 TRIQUINT-856288 Datasheet
558Kb / 5P
   465 MHz SAW Filter
855991 TRIQUINT-855991 Datasheet
578Kb / 5P
   465 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1257A TAI-SAW-TA1257A Datasheet
438Kb / 8P
   SAW Filter 465 MHz
TB0206A TAI-SAW-TB0206A Datasheet
659Kb / 5P
   IF SAW Filter 465 MHz
TB0582A TAI-SAW-TB0582A Datasheet
216Kb / 7P
   SAW Filter 465 MHz BW6MHz SMD 3.0X3.0 mm
logo
Johanson Technology Inc...
0465BL15B100 JOHANSON-0465BL15B100 Datasheet
137Kb / 2P
   465 MHz Balun
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com